| Moteur de recherche de fiches techniques de composants électroniques |
|
18F8680 Fiches technique(PDF) 142 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 Fiches technique(HTML) 142 Page - Microchip Technology |
|
142 / 496 page ![]() PIC18F6585/8585/6680/8680 DS30491C-page 140 2004 Microchip Technology Inc. FIGURE 10-14: RF6:RF3 AND RF0 PINS BLOCK DIAGRAM FIGURE 10-15: RF7 PIN BLOCK DIAGRAM Data Bus Q D Q CK Q D Q CK QD EN P N WR LATF WR TRISF Data Latch TRIS Latch RD TRISF RD PORTF VSS VDD I/O pin Analog Input Mode ST Input Buffer To A/D Converter or Comparator Input RD LATF or WR PORTF Note 1: I/O pins have diode protection to VDD and VSS. Data Bus WR LATF WR TRISF RD PORTF Data Latch TRIS Latch RD TRISF Schmitt Trigger Input Buffer I/O pin Q D CK Q D CK EN QD EN RD LATF or WR PORTF Note: I/O pins have diode protection to VDD and VSS. TTL Input Buffer SS Input |