| Moteur de recherche de fiches techniques de composants électroniques |
|
18F8680 Fiches technique(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 Fiches technique(HTML) 75 Page - Microchip Technology |
|
75 / 496 page ![]() 2004 Microchip Technology Inc. DS30491C-page 73 PIC18F6585/8585/6680/8680 RXF15EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 47, 230 RXF15SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 47, 230 RXF15SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 47, 230 RXF14EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 47, 230 RXF14EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 47, 230 RXF14SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 47, 230 RXF14SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 47, 230 RXF13EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 47, 230 RXF13EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 47, 230 RXF13SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 47, 230 RXF13SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 47, 230 RXF12EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 47, 230 RXF12EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 47, 230 RXF12SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 47, 230 RXF12SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 47, 230 RXF11EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 47, 230 RXF11EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 47, 230 RXF11SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 47, 230 RXF11SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 47, 230 RXF10EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 47, 230 RXF10EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 47, 230 RXF10SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 48, 230 RXF10SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 48, 230 RXF9EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 47, 230 RXF9EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 48, 230 RXF9SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 48, 230 RXF9SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 48, 230 RXF8EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 48, 230 RXF8EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 48, 230 RXF8SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 48, 230 RXF8SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 48, 230 RXF7EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 48, 230 RXF7EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 48, 230 RXF7SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 48, 230 RXF7SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 48, 230 RXF6EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 48, 230 RXF6EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 48, 230 RXF6SIDL(7) SID2 SID1 SID0 —EXIDEN —EID17 EID16 xx-x x-xx 48, 230 RXF6SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 48, 230 RXF5EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 43, 230 RXF5EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 43, 230 TABLE 4-3: REGISTER FILE SUMMARY (CONTINUED) File Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Details on page: Legend: x = unknown, u = unchanged, – = unimplemented, q = value depends on condition Note 1: RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator modes. 2: Bit 21 of the TBLPTRU allows access to the device configuration bits. 3: These registers are unused on PIC18F6X80 devices; always maintain these clear. 4: These bits have multiple functions depending on the CAN module mode selection. 5: Meaning of this register depends on whether this buffer is configured as transmit or receive. 6: RG5 is available as an input when MCLR is disabled. 7: This register reads all ‘0’s until the ECAN module is set up in Mode 1 or Mode 2. |