| Moteur de recherche de fiches techniques de composants électroniques |
|
18F8680 Fiches technique(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 Fiches technique(HTML) 73 Page - Microchip Technology |
|
73 / 496 page ![]() 2004 Microchip Technology Inc. DS30491C-page 71 PIC18F6585/8585/6680/8680 RXB0DLC — RXRTR RB1 RB0 DLC3 DLC2 DLC1 DLC0 -xxx xxxx 40, 230 RXB0EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 41, 230 RXB0EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 41, 230 RXB0SIDL SID2 SID1 SID0 SRR EXID —EID17 EID16 xxxx x-xx 41, 230 RXB0SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 41, 230 RXB0CON Mode 0 RXFUL RXM1 RXM0(4) —(4) RXRTRR0(4) RXB0DBEN(4) JTOFF(4) FILHIT0(4) 000- 0000 41, 230 RXB0CON Mode 1, 2 RXFUL RXM1 RTRR0(4) FILHIT4(4) FILHIT3(4) FILHIT2(4) FILHIT1(4) FILHIT0(4) 0000 0000 41, 230 RXB1D7 RXB1D77 RXB1D76 RXB1D75 RXB1D74 RXB1D73 RXB1D72 RXB1D71 RXB1D70 xxxx xxxx 41, 230 RXB1D6 RXB1D67 RXB1D66 RXB1D65 RXB1D64 RXB1D63 RXB1D62 RXB1D61 RXB1D60 xxxx xxxx 41, 230 RXB1D5 RXB1D57 RXB1D56 RXB1D55 RXB1D54 RXB1D53 RXB1D52 RXB1D51 RXB1D50 xxxx xxxx 41, 230 RXB1D4 RXB1D47 RXB1D46 RXB1D45 RXB1D44 RXB1D43 RXB1D42 RXB1D41 RXB1D40 xxxx xxxx 41, 230 RXB1D3 RXB1D37 RXB1D36 RXB1D35 RXB1D34 RXB1D33 RXB1D32 RXB1D31 RXB1D30 xxxx xxxx 41, 230 RXB1D2 RXB1D27 RXB1D26 RXB1D25 RXB1D24 RXB1D23 RXB1D22 RXB1D21 RXB1D20 xxxx xxxx 41, 230 RXB1D1 RXB1D17 RXB1D16 RXB1D15 RXB1D14 RXB1D13 RXB1D12 RXB1D11 RXB1D10 xxxx xxxx 41, 230 RXB1D0 RXB1D07 RXB1D06 RXB1D05 RXB1D04 RXB1D03 RXB1D02 RXB1D01 RXB1D00 xxxx xxxx 41, 230 RXB1DLC — RXRTR RB1 RB0 DLC3 DLC2 DLC1 DLC0 -xxx xxxx 41, 230 RXB1EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 41, 230 RXB1EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 41, 230 RXB1SIDL SID2 SID1 SID0 SRR EXID —EID17 EID16 xxxx x-xx 41, 230 RXB1SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 41, 230 RXB1CON Mode 0 RXFUL RXM1 RXM0(4) —(4) RXRTRR0(4) FILHIT2(4) FILHIT1(4) FILHIT0(4) 000- 0000 41, 230 RXB1CON Mode 1, 2 RXFUL RXM1 RTRRO(4) FILHIT4(4) FILHIT3(4) FILHIT2(4) FILHIT1(4) FILHIT0(4) 0000 0000 41, 230 TXB0D7 TXB0D77 TXB0D76 TXB0D75 TXB0D74 TXB0D73 TXB0D72 TXB0D71 TXB0D70 xxxx xxxx 41, 230 TXB0D6 TXB0D67 TXB0D66 TXB0D65 TXB0D64 TXB0D63 TXB0D62 TXB0D61 TXB0D60 xxxx xxxx 41, 230 TXB0D5 TXB0D57 TXB0D56 TXB0D55 TXB0D54 TXB0D53 TXB0D52 TXB0D51 TXB0D50 xxxx xxxx 41, 230 TXB0D4 TXB0D47 TXB0D46 TXB0D45 TXB0D44 TXB0D43 TXB0D42 TXB0D41 TXB0D40 xxxx xxxx 41, 230 TXB0D3 TXB0D37 TXB0D36 TXB0D35 TXB0D34 TXB0D33 TXB0D32 TXB0D31 TXB0D30 xxxx xxxx 41, 230 TXB0D2 TXB0D27 TXB0D26 TXB0D25 TXB0D24 TXB0D23 TXB0D22 TXB0D21 TXB0D20 xxxx xxxx 41, 230 TXB0D1 TXB0D17 TXB0D16 TXB0D15 TXB0D14 TXB0D13 TXB0D12 TXB0D11 TXB0D10 xxxx xxxx 41, 230 TXB0D0 TXB0D07 TXB0D06 TXB0D05 TXB0D04 TXB0D03 TXB0D02 TXB0D01 TXB0D00 xxxx xxxx 41, 230 TXB0DLC —TXRTR — — DLC3 DLC2 DLC1 DLC0 -x-- xxxx 41, 230 TXB0EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 41, 230 TXB0EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 41, 230 TXB0SIDL SID2 SID1 SID0 —EXIDE —EID17 EID16 xx-x x-xx 41, 230 TXB0SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 42, 230 TXB0CON Mode 0 — TXABT TXLARB TXERR TXREQ — TXPRI1 TXPRI0 -000 0-00 42, 230 TXB0CON Mode 1, 2 TXBIF TXABT TXLARB TXERR TXREQ — TXPRI1 TXPRI0 0000 0-00 42, 230 TABLE 4-3: REGISTER FILE SUMMARY (CONTINUED) File Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Details on page: Legend: x = unknown, u = unchanged, – = unimplemented, q = value depends on condition Note 1: RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator modes. 2: Bit 21 of the TBLPTRU allows access to the device configuration bits. 3: These registers are unused on PIC18F6X80 devices; always maintain these clear. 4: These bits have multiple functions depending on the CAN module mode selection. 5: Meaning of this register depends on whether this buffer is configured as transmit or receive. 6: RG5 is available as an input when MCLR is disabled. 7: This register reads all ‘0’s until the ECAN module is set up in Mode 1 or Mode 2. |