Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

18F8680 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 8Page - Microchip Technology 18F8680 Datasheet HTML 9Page - Microchip Technology 18F8680 Datasheet HTML 10Page - Microchip Technology 18F8680 Datasheet HTML 11Page - Microchip Technology 18F8680 Datasheet HTML 12Page - Microchip Technology 18F8680 Datasheet HTML 13Page - Microchip Technology 18F8680 Datasheet HTML 14Page - Microchip Technology 18F8680 Datasheet HTML 15Page - Microchip Technology 18F8680 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 10
 2004 Microchip Technology Inc.
FIGURE 1-1:
PIC18F6X8X BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
OSC2/CLKO/RA6
RG5/
VDD, VSS
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/LVDIN
RB2/INT2:RB0/INT0
RB6/KBI2/PGC
RC0/T1OSO/T13CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1/P1A
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
Brown-out
Reset
AUSART
Comparator
Synchronous
BOR
Timer1
Timer2
Serial Port
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
ECAN Module
Timing
Generation
10-bit
ADC
RB3/INT3
Data Latch
Data RAM
(3328 bytes)
Address Latch
Address<12>
12
Bank0, F
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Decode
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
W
8
BITOP
8
8
ALU<8>
8
Test Mode
Select
Address Latch
Program Memory
(48 Kbytes)
Data Latch
21
21
16
8
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
Timer3
PORTD
RD7/PSP7
CCP2
RB4/KBI0
RB5/KBI1/PGM
PCLATU
PCU
Precision
Reference
Band Gap
PORTE
PORTG
RG0/CANTX1
RG1/CANTX2
RG2/CANRX
RG3
RG4/P1D
Timer0
RE6/P1B
RE7/CCP2(1)
RE5/P1C
RE4
RE3
RE2/CS
RE0/RD
RE1/WR
LVD
ECCP1
RB7/KBI3/PGD
:RD0/PSP0
RF6/AN11/C1IN-
RF7/SS
RF5/AN10/C1IN+/CVREF
RF4/AN9/C2IN-
RF3/AN8/C2IN+
RF2/AN7/C1OUT
RF0/AN5
RF1/AN6/C2OUT
PORTF
RG5/MCLR/VPP
MCLR
OSC2/CLKO/RA6
Data EEPROM
Note
1:
The CCP2 pin placement depends on the CCP2MX and Processor mode settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More