Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

18F8680 Fiches technique(PDF) 99 Page - Microchip Technology

No de pièce 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Fiches technique(HTML) 99 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 95Page - Microchip Technology 18F8680 Datasheet HTML 96Page - Microchip Technology 18F8680 Datasheet HTML 97Page - Microchip Technology 18F8680 Datasheet HTML 98Page - Microchip Technology 18F8680 Datasheet HTML 99Page - Microchip Technology 18F8680 Datasheet HTML 100Page - Microchip Technology 18F8680 Datasheet HTML 101Page - Microchip Technology 18F8680 Datasheet HTML 102Page - Microchip Technology 18F8680 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 97
PIC18F6585/8585/6680/8680
6.2.2
16-BIT WORD WRITE MODE
Figure 6-2 shows an example of 16-bit Word Write
mode for PIC18F8X8X devices.
FIGURE 6-2:
16-BIT WORD WRITE MODE EXAMPLE
AD<7:0>
PIC18F8X8X
AD<15:8>
ALE
373
A<20:1>
373
OE
WRH
A<19:16>
A<x:0>
D<15:0>
OE
WR(1)
CE
D<15:0>
JEDEC Word
EPROM Memory
Address Bus
Data Bus
Control Lines
Note
1:
This signal only applies to table writes. See Section 5.1 “Table Reads and Table Writes”.
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More