| Moteur de recherche de fiches techniques de composants électroniques |
|
18F8680 Fiches technique(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 Fiches technique(HTML) 77 Page - Microchip Technology |
|
77 / 496 page ![]() 2004 Microchip Technology Inc. DS30491C-page 75 PIC18F6585/8585/6680/8680 B4D3(7) B4D37 B4D36 B4D35 B4D34 B4D33 B4D32 B4D31 B4D30 xxxx xxxx 44, 230 B4D2(7) B4D27 B4D26 B4D25 B4D24 B4D23 B4D22 B4D21 B4D20 xxxx xxxx 44, 230 B4D1(7) B4D17 B4D16 B4D15 B4D14 B4D13 B4D12 B4D11 B4D10 xxxx xxxx 44, 230 B4D0(7) B4D07 B4D06 B4D05 B4D04 B4D03 B4D02 B4D01 B4D00 xxxx xxxx 44, 230 B4DLC(7) — RXRTR RB1 RB0 DLC3 DLC2 DLC1 DLC0 -xxx xxxx 44, 230 B4EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 44, 230 B4EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 44, 230 B4SIDL(7) SID2 SID1 SID0 SRR EXID/ EXIDE(5) —EID17 EID16 xxxx x-xx 44, 230 B4SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 44, 230 B4CON(5, 7) RXFUL/ TXB3IF RXM1/ TXABT RTRRO/ TXLARB FILHIT4/ TXERR FILHIT3/ TXREQ FILHIT2/ RTREN FILHIT1/ TXPRI1 FILHIT0/ TXPRI0 0000 0000 44, 230 B3D7(7) B3D77 B3D76 B3D75 B3D74 B3D73 B3D72 B3D71 B3D70 xxxx xxxx 44, 230 B3D6(7) B3D67 B3D66 B3D65 B3D64 B3D63 B3D62 B3D61 B3D60 xxxx xxxx 44, 230 B3D5(7) B3D57 B3D56 B3D55 B3D54 B3D53 B3D52 B3D51 B3D50 xxxx xxxx 44, 230 B3D4(7) B3D47 B3D46 B3D45 B3D44 B3D43 B3D42 B3D41 B3D40 xxxx xxxx 45, 230 B3D3(7) B3D37 B3D36 B3D35 B3D34 B3D33 B3D32 B3D31 B3D30 xxxx xxxx 45, 230 B3D2(7) B3D27 B3D26 B3D25 B3D24 B3D23 B3D22 B3D21 B3D20 xxxx xxxx 45, 230 B3D1(7) B3D17 B3D16 B3D15 B3D14 B3D13 B3D12 B3D11 B3D10 xxxx xxxx 45, 230 B3D0(7) B3D07 B3D06 B3D05 B3D04 B3D03 B3D02 B3D01 B3D00 xxxx xxxx 45, 230 B3DLC(7) — RXRTR RB1 RB0 DLC3 DLC2 DLC1 DLC0 -xxx xxxx 45, 230 B3EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 45, 230 B3EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 45, 230 B3SIDL(7) SID2 SID1 SID0 SRR EXID/ EXIDE(5) —EID17 EID16 xxxx x-xx 45, 230 B3SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 45, 230 B3CON(5, 7) RXFUL/ TXBIF RXM1/ TXABT RTRRO/ TXLARB FILHIT4/ TXERR FILHIT3/ TXREQ FILHIT2/ RTREN FILHIT1/ TXPRI1 FILHIT0/ TXPRI0 0000 0000 45, 230 B2D7(7) B2D77 B2D76 B2D75 B2D74 B2D73 B2D72 B2D71 B2D70 xxxx xxxx 45, 230 B2D6(7) B2D67 B2D66 B2D65 B2D64 B2D63 B2D62 B2D61 B2D60 xxxx xxxx 45, 230 B2D5(7) B2D57 B2D56 B2D55 B2D54 B2D53 B2D52 B2D51 B2D50 xxxx xxxx 45, 230 B2D4(7) B2D47 B2D46 B2D45 B2D44 B2D43 B2D42 B2D41 B2D40 xxxx xxxx 45, 230 B2D3(7) B2D37 B2D36 B2D35 B2D34 B2D33 B2D32 B2D31 B2D30 xxxx xxxx 45, 230 B2D2(7) B2D27 B2D26 B2D25 B2D24 B2D23 B2D22 B2D21 B2D20 xxxx xxxx 45, 230 B2D1(7) B2D17 B2D16 B2D15 B2D14 B2D13 B2D12 B2D11 B2D10 xxxx xxxx 45, 230 B2D0(7) B2D07 B2D06 B2D05 B2D04 B2D03 B2D02 B2D01 B2D00 xxxx xxxx 45, 230 B2DLC(7) — RXRTR RB1 RB0 DLC3 DLC2 DLC1 DLC0 -xxx xxxx 45, 230 B2EIDL(7) EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 45, 230 B2EIDH(7) EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 45, 230 B2SIDL(7) SID2 SID1 SID0 SRR EXID/ EXIDE(5) —EID17 EID16 xxxx x-xx 45, 230 B2SIDH(7) SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 45, 230 TABLE 4-3: REGISTER FILE SUMMARY (CONTINUED) File Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Details on page: Legend: x = unknown, u = unchanged, – = unimplemented, q = value depends on condition Note 1: RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator modes. 2: Bit 21 of the TBLPTRU allows access to the device configuration bits. 3: These registers are unused on PIC18F6X80 devices; always maintain these clear. 4: These bits have multiple functions depending on the CAN module mode selection. 5: Meaning of this register depends on whether this buffer is configured as transmit or receive. 6: RG5 is available as an input when MCLR is disabled. 7: This register reads all ‘0’s until the ECAN module is set up in Mode 1 or Mode 2. |