Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK8975 Fiches technique(PDF) 14 Page - Asahi Kasei Microsystems

No de pièce AK8975
Description  3-axis Electronic Compass
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8975 Fiches technique(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK8975 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 12Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 13Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 14Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 15Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 16Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 17Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
[AK8975/C]
6.4.2.2.
Data Error
When data reading is started out of data readable period, read data is not correct. In this case, DERR bit of ST2
register turns to “1” so that read data can be checked at the end of data reading. DERR turns to “0” when ST2
register is read.
(N-1)th
Nth
(N+1)th
PD
Measurement
PD
Measurement
PD
Data Readable Period
Data Readable Period
Measurement Data Register
(N-1)th
Indefinite
Nth
Indefinite
(N+1)th
Ind
DRDY
DERR
Register Read
ST1
Data
ST2
ST1
Data
ST2
ST1
Data
ST2
Register
Register
Register
Figure 6.4 Data Error
6.4.2.3. Magnetic Sensor Overflow
AK8975/C has the limitation for measurement range that the sum of absolute values of each axis should be
smaller than 2400μT.
|X|+|Y|+|Z| < 2400μT
When the magnetic field exceeded this limitation, data stored at measurement data are not correct. This is
called Magnetic Sensor Overflow.
When magnetic sensor overlow occurs, HOFL bit turns to “1”. When the next measurement starts, it returns to
“0”.
MS1187-E-02
- 14 -
2010/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com