Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK8975 Fiches technique(PDF) 22 Page - Asahi Kasei Microsystems

No de pièce AK8975
Description  3-axis Electronic Compass
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8975 Fiches technique(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AK8975 Datasheet HTML 18Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 19Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 20Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 21Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 22Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 23Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 24Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 25Page - Asahi Kasei Microsystems AK8975 Datasheet HTML 26Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
[AK8975/C]
8. Registers
8.1.
Description of Registers
AK8975/C has registers of 19 addresses as indicated in Table 8.1. Every address consists of 8 bits data. Data is
transferred to or received from the external CPU via the serial interface described previously.
Name
Address
READ/
WRITE
Description
Bit
width
Explanation
WIA
00H
READ
Device ID
8
INFO
01H
READ
Information
8
ST1
02H
READ
Status 1
8
Data status
HXL
03H
8
HXH
04H
8
X-axis data
HYL
05H
8
HYH
06H
8
Y-axis data
HZL
07H
8
HZH
08H
READ
Measurement data
8
Z-axis data
ST2
09H
READ
Status 2
8
Data status
CNTL
0AH
READ/
WRITE
Control
8
RSV
0BH
READ/
WRITE
Reserved
8
DO NOT ACCESS
ASTC
0CH
READ/
WRITE
Self-test
8
TS1
0DH
READ/
WRITE
Test 1
8
DO NOT ACCESS
TS2
0EH
READ/
WRITE
Test 2
8
DO NOT ACCESS
I2CDIS
0FH
READ/
WRITE
I2C disable
8
ASAX
10H
READ
X-axis sensitivity adjustment value
8
Fuse ROM
ASAY
11H
READ
Y-axis sensitivity adjustment value
8
Fuse ROM
ASAZ
12H
READ
Z-axis sensitivity adjustment value
8
Fuse ROM
Table 8.1 Register Table
Addresses from 00H to 0CH and from 10H to 12H are compliant with automatic increment function of serial
interface respectively. Values of addresses from 10H to 12H can be read only in Fuse access mode. In other
modes, read data is not correct.
MS1187-E-02
- 22 -
2010/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com