| Moteur de recherche de fiches techniques de composants électroniques |
|
33461 Fiches technique(PDF) 39 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Fiches technique(HTML) 39 Page - Tyco Electronics |
|
39 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 39 Ring Tongue Terminals (Continued) Wire Size Dimensions Material Wire Part Numbers Circular Mils Stud L E C W Thickness Insulation Loose Tape [mm2] Size Max. Max. Min. Max. Dia. Max. Piece Mounted .634 .506 .171 .250 .033 .150 32187 — 4 16.10 12.85 4.34 6.35 0.84 3.81 .634 .506 .171 .250 .033 .170 32189 — 16.10 12.85 4.34 6.35 0.84 4.32 .790 .616 .281 .343 .033 .170 30926 — 20.07 15.65 7.14 8.71 0.84 4.32 6 .634 .506 .171 .250 .033 .150 32188 — M3.5 16.10 12.85 4.34 6.35 0.84 3.81 16–14 .634 .506 .171 .250 .033 .170 32190 2-32190-1 2,050–5,180 16.10 12.85 4.34 6.35 0.84 4.32 [1.04–2.62] 8 .790 .616 .281 .343 .033 .170 30927 2-30927-1 M4 20.07 15.65 7.14 8.71 0.84 4.32 .790 .616 .281 .343 .033 .170 30928 2-30928-1 10 20.07 15.65 7.14 8.71 0.84 4.32 .790 .616 .281 .343 .033 .150 30993 2-30993-1 20.07 15.65 7.14 8.71 0.84 3.81 1/4 1.009 .772 .437 .469 .033 .150 31256 — M6 25.63 19.61 11.10 11.91 0.84 3.81 5/16 1.009 .772 .437 .469 .033 .170 31169 2-31169-1 M8 25.63 19.61 11.10 11.91 0.84 4.32 10 .970 .796 .281 .343 .050 .230 33722 2-33722-1 24.64 20.22 7.14 8.71 1.27 5.84 16–14HD1 1.220 .952 .437 .531 .050 .230 33639 — 2,050–5,180 1/4 30.99 24.18 11.10 13.49 1.27 5.84 [1.04–2.62] M6 1.282 1.014 .437 .531 .050 .300 322296 — 32.56 25.76 11.10 13.49 1.27 7.62 1.007 .817 .302 .375 .042 .230 31825 — 25.58 20.75 7.67 9.53 1.07 5.84 6 .877 .734 .219 .281 .042 .230 321501 2-321501-1 M3.5 22.28 18.64 5.56 7.14 1.07 5.84 .976 .817 .302 .312 .042 .230 326889 — 24.79 20.75 7.67 7.92 1.07 5.84 12–10 8 .955 .796 .281 .312 .042 .230 324523 — 5,180–13,100 M4 24.26 20.22 7.14 7.92 1.07 5.84 [2.62–6.64] 10 1.007 .817 .302 .375 .042 .230 31771 2-31771-1 25.58 20.75 7.67 9.53 1.07 5.84 1/4 1.251 .983 .468 .531 .042 .230 31772 2-31772-1 M6 31.78 24.97 11.89 13.49 1.07 5.84 3/8 1.345 1.046 .531 .593 .042 .230 31828 — 34.16 26.57 13.49 15.06 1.07 5.84 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. 1 Heavy Duty for extra mechanical strength. Wire Size Range AWG 16 to 10, CMA 2,050 to 13,100 [1.04 to 6.64 mm2] Material Terminal Body and Sleeve — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |