| Moteur de recherche de fiches techniques de composants électroniques |
|
33461 Fiches technique(PDF) 21 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Fiches technique(HTML) 21 Page - Tyco Electronics |
|
21 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 Right Angle Ring Tongue Terminals For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 21 Wire Size Dimensions Material Wire Circular Mils Stud C W Thickness Barrel Part Numbers [mm2] Size Min. Max. ID Min 22-16 6 .171 .281 .033 .061 321262 509-3,260 4.34 7.14 .838 1.55 [0.26-1.65] .187 .312 .033 .061 322768 10 4.75 7.92 .838 1.55 16-14 8 .185 .343 .050 .105 184269 2,050-5,180 4.70 8.71 1.27 2.67 [1.04-2.62] .192 .343 .033 .085 322821 10 4.88 8.71 .838 2.16 8 1/4 .432 .594 .051 .172 35277 13,100-20,800 10.97 15.09 1.30 4.37 [6.64-10.5] 6 1/4 .390 .625 .060 .232 35678 20,800-33,100 9.91 15.88 1.52 5.89 [10.5-16.8] .390 .625 .060 .232 33466-1 5/16 9.91 15.88 1.52 5.89 1/4 .375 .656 .073 .296 35625 4 9.53 16.66 1.85 7.52 33,100-52,600 .348 .625 .073 .280 33115-1 [16.8-26.7] 5/16 8.84 15.88 1.85 7.11 .348 .625 .073 .280 31812-1 3/8 8.84 15.88 1.85 7.11 2 5/16 .422 .625 .073 .370 322870-1 52,600-83,700 10.72 15.88 1.85 9.40 [26.7-42.4] 1/4 .437 .807 .073 .444 322905 11.10 20.50 1.85 11.28 1/0 .531 .807 .073 .444 321867-1 83,700-119,500 5/16 13.49 20.50 1.85 11.28 [42.4-60.6] .531 .807 .073 .444 322906 3/8 13.49 20.50 1.85 11.28 .531 .875 .073 .444 322909 1/2 13.49 22.23 1.85 11.28 2/0 5/16 .500 .946 .083 .504 36922-1 119,500-150,500 12.70 24.03 2.11 12.80 [60.6-76.3] .531 .926 .083 .504 322912 3/8 13.49 23.52 2.11 12.80 5/16 .531 1.020 .094 .565 321874-1 3/0 13.49 25.91 2.39 14.35 150,500-190,000 .468 1.082 .094 .565 324035 [76.3-96.3] 3/8 11.89 27.48 2.39 14.35 .468 1.062 .094 .565 36929-1 1/2 11.89 26.97 2.39 14.35 4/0 5/16 .750 1.150 .105 .635 321272 190,000-231,000 19.05 29.21 2.67 16.13 [96.3-117] .484 1.140 .105 .635 321265 3/8 12.29 28.96 2.67 16.13 250-300 MCM 1/2 .863 1.435 .129 .753 324023 231,000-300,000 21.92 36.45 3.28 19.13 [117-152] Wire Size Range AWG 22 to 300 MCM, CMA 509 — 300,000 [0.26 to 152 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |