| Moteur de recherche de fiches techniques de composants électroniques |
|
33461 Fiches technique(PDF) 11 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Fiches technique(HTML) 11 Page - Tyco Electronics |
|
11 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 11 Terminal Stud Hole Size Use to Select Proper Size Terminal The chart shows sizes and dimensions of various studs and the corresponding terminal stud hole sizes used with AMP devices. For example, with stud #5 (.125 [3.18] Diameter), use AMP device listed for #5 stud (.132 [3.35] Hole Diameter). Terminal stud hole sizes may easily be checked by fitting sample terminal to black circle. Stud Size Typical Terminal U.S. Cust. Metric Stud Dia. Stud Hole Diameter 0#0 — .060 .067 .003 1.52 1.70 0.08 0#1 — .073 .080 .003 1.85 2.03 0.08 0#2 M2 .086 .093 .003 2.18 2.36 0.08 0#3 — .099 2.51 Not Available 0#4 — .112 .119 .003 2.84 3.02 0.08 0#5 M3 .125 .132 .003 3.18 3.35 0.08 0#6 M3.5 .138 .145 .003 3.51 3.68 0.08 0#8 M4 .164 .171 .003 4.17 4.34 0.08 #10 — .190 .197 .003 4.83 5.00 0.08 #12 — .216 .223 .003 5.49 5.66 0.08 #14 — .242 .250 .003 6.15 6.35 0.08 1/4" M6 .250 .265 .005 6.35 6.73 0.13 5/16" M8 .312 .328 .005 7.92 8.33 0.13 3/8" — .375 .390 .005 9.53 9.91 0.13 Stud Size Typical Terminal U.S. Cust. Metric Stud Dia. Stud Hole Diameter 7/16" — .437 .453 .005 11.10 11.51 0.13 1/2" M12 .500 .515 .005 12.70 13.08 0.13 5/8" .625 .656 .005 M16 15.88 16.66 0.13 3/4" — .750 .781 .005 19.05 19.84 0.13 7/8" .875 .906 .005 M22 22.23 23.01 0.13 1" — 1.000 1.031 .005 25.40 26.19 0.13 |