| Moteur de recherche de fiches techniques de composants électroniques |
|
33461 Fiches technique(PDF) 34 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Fiches technique(HTML) 34 Page - Tyco Electronics |
|
34 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 34 Flag Ring Tongue Terminals (Continued) Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud Style L C W Thickness Solistrand Solistrand [mm2] Size Max. Min. Max. 1/4 1.733 .666 .875 .073 .444 322215-1 M6 A 44.02 16.92 22.23 1.85 11.28 1/0 5/16 1.733 .666 .875 .073 .444 321580-1 83,700–119,500 M8 A 44.02 16.92 22.23 1.85 11.28 [42.4–60.6] 3/8 1.733 .666 .875 .073 .444 321066-1 A 44.02 16.92 22.23 1.85 11.28 1/2 1.733 .666 .875 .073 .444 321123-1 M12 A 44.02 16.92 22.23 1.85 11.28 2/0 5/16 1.848 .671 .920 .083 .504 321582-1 119,500–150,500 M8 A 46.94 17.04 23.37 2.11 12.80 [60.6–76.3] 3/8 1.848 .671 .920 .083 .504 321584-1 A 46.94 17.04 23.37 2.11 12.80 3/0 2.001 .676 1.056 .094 .565 150,500–190,000 3/8 A 50.83 17.17 26.82 2.39 14.35 327887-1 [76.3–96.3] 5/16 2.131 .681 1.115 .105 .635 321277-1 4/0 M8 A 54.13 17.30 28.32 2.67 16.13 190,000-231,000 3/8 2.131 .681 1.115 .105 .635 321277-1 [96.3–117] A 54.13 17.30 28.32 2.67 16.13 1/2 2.131 .681 1.115 .105 .635 321259-1 M12 A 54.13 17.30 28.32 2.67 16.13 Wire Size Range AWG 1/0 to 4/0, CMA 83,700 to 231,000 [42.4 to 117 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 A |