| Moteur de recherche de fiches techniques de composants électroniques |
|
33461 Fiches technique(PDF) 37 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Fiches technique(HTML) 37 Page - Tyco Electronics |
|
37 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 37 Butt Splices (Continued) Wire Solistrand Material Circular Mils1 Dimensions Thickness Part Numbers [mm2] Style L I.D. O.D. Max. Solistrand Max. Min. Max. 1/0 1.412 .444 .613 .073 36957* 83,700–119,500 A 35.86 11.28 15.57 1.85 [42.4–60.6] 2/0 1.437 .504 .693 .083 36958* 119,500–150,500 A 36.50 12.80 17.60 2.11 [60.6–76.3] 3/0 1.480 .565 .775 .094 36959* 150,500–190,000 A 37.60 14.35 19.69 2.39 [76.3–96.3] 4/0 1.484 .635 .869 .105 36960* 190,000–231,000 A 37.69 16.13 22.07 2.67 [96.3–117] 250–300 MCM 2.093 .753 1.054 .130 322279* 231,000–300,000 A 53.16 19.13 26.77 3.30 [117–152] 300–350 MCM 2.217 .819 1.137 .140 322280* 300,000–380,000 A 56.31 20.80 28.88 3.56 [152–193] 400 MCM 2.467 .925 1.287 .158 322281* 380,000–478,000 A 62.66 23.50 32.69 4.01 [193–242] 500–600 MCM 2.811 1.070 1.483 .182 322282* 478,000–600,000 A 71.40 27.18 37.67 4.62 [242–304] *Part numbers are available in small quantity packages. 1 When terminating two or more wires in either end of a butt splice, the combined cross sectional area must be within the listed circular mil area range (CMA). Wire Size Range AWG 1/0 to 600 MCM, CMA 83,700 to 600,000 [42.4 to 304 mm2] Material Splice Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 A |