| Moteur de recherche de fiches techniques de composants électroniques |
|
3G5A2-OF201 Fiches technique(PDF) 103 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-OF201 Fiches technique(HTML) 103 Page - Omron Electronics LLC |
|
103 / 182 page ![]() 90 Start Return to START NORMAL Indicators of inputs (000002, 000003) normal? Check terminal voltage of 000500 with tester Indicator of 000500 normal? YES Correct wiring Replace terminal block connector Replace fuse Monitor ON/OFF status of 000500 with peripheral device NO YES YES Decision NORMAL Output wiring correct? YES Faulty terminal block connector con- tact? Is the blown fuse indi- cator lit? Decision NORMAL Check terminal voltage of 000500 with tester Decision Check output de- vice SOL1 NORMAL ABNORMAL Replace Output Unit Check terminal voltages of 000002 and 000003 with tester Check terminal voltages of 000002 and 000003 with tester Decision Decision Input wiring correct? NO Correctly wire Remove external wiring and mount Dummy Input Unit to check Decision Check input de- vices LS1 and LS2 Terminal screws loose? NO Faulty terminal block connector con- tact? YES Replace terminal block connector Tighten Replace Input Unit Replace Input Unit NO NO ABNORMAL NO YES ABNORMAL NORMAL ABNORMAL ABNORMAL NORMAL YES NO YES (Only unit with fuse) (Unit with- out fuse) ABNORMAL NO Troubleshooting Flowcharts Section 5-2 |