| Moteur de recherche de fiches techniques de composants électroniques |
|
3G5A2-OF201 Fiches technique(PDF) 94 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-OF201 Fiches technique(HTML) 94 Page - Omron Electronics LLC |
|
94 / 182 page ![]() 81 5-2 Troubleshooting Flowcharts Main Flowchart When an unknown error arises, the following troubleshooting flowchart can be used to help locate the problem. POWER indicator lit? YES Main flowchart See Power Check Flowchart NO RUN indicator lit? YES See Fault Check Flowchart NO ALARM indicator lit? See Error Check Flowchart I/O sequence correct? YES See I/O Check Flowchart NO Environment normal? YES See Environment Check Flowchart NO YES NO Replace Unit Note 1. Before replacing a Unit, be sure to turn off the power to the PC. The same applies to when replacing the Expansion Data Memory Unit, batteries, wir- ing, and cables. 2. When replacing the CPU, start operation only after transferring the contents of the data memory or holding bits that are required for resuming operation to the replaced CPU. Troubleshooting Flowcharts Section 5-2 |