| Moteur de recherche de fiches techniques de composants électroniques |
|
3G5A2-OF201 Fiches technique(PDF) 36 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-OF201 Fiches technique(HTML) 36 Page - Omron Electronics LLC |
|
36 / 182 page ![]() 23 2-2 Racks This section describes the Racks used to construct a PC System. The individual components used to construct the Racks are described in the next section. 2-2-1 CPU Racks The following figure shows the parts of the CPU Rack. There are five Back- planes available for the CPU Rack. Any CPU can be mounted to any Backplane. The only differences in the Backplanes is the number of slots that they provide for Units, their expansion capability, and the number of slots for CPU Bus Units. The CV500-BC031, CV500-BC051, and CV500-BC101 provide complete ex- pansion capability and provide 3, 5, and 10 slots, respectively, for Units other than the CPU, Power Supply Unit, and I/O Control Unit. The CVM1-BC053 and CVM1-BC103 do not support I/O Control Units and pro- vide 5 and 10 slots, respectively, for Units other than the CPU and Power Supply Unit. Because I/O Control Units are not supported, these Backplanes can be connected only to a single Expansion I/O Rack as illustrated on page 18.The CPU Backplane cannot be used for an Expansion CPU or Expansion I/O Rack. CPU Backplane No. of slots CPU Bus Unit slots I/O Control Unit CV500-BC031 3 3 Yes CV500-BC051 5 5 Yes CV500-BC101 10 10 Yes CVM1-BC053 5 Rightmost 3 No CVM1-BC103 10 Rightmost 6 No I/O Control Unit An I/O Control Unit must be mounted to the Rack in order to connect an Expansion CPU or more than one Expansion I/O Rack. The model of I/O Control Unit used determines the other Racks can be connected. Units (Up to 3/5/10 or the following Units: SYSMAC NET Link Units, SYSMAC LINK Units, SYSMAC BUS/2 Masters, BASIC Units, Personal Computer Unit, C500 I/O Units, C500 Special I/O Units, SYSMAC BUS Masters) CPU Backplane CV500-BC031/051/101 (3/5/10 slots) CVM1-BC053/103 (5/10 slots) CPU CV500-CPU01-EV1, CV1000-CPU01-EV1, CV2000-CPU01-EV1, CVM1-CPU01-EV2, CVM1-CPU11-EV2, or CVM1-CPU21-EV2 Power Supply Unit CV500-PS221/PS211 CVM1-PA208 I/O Control Units are not supported by CVM1 Backplanes. Racks Section 2-2 |