Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G5A2-OF201 Fiches technique(PDF) 101 Page - Omron Electronics LLC

No de pièce 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Fiches technique(HTML) 101 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 97Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 98Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 99Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 100Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 101Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 102Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 103Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 104Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 105Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 182 page
background image
88
Alarm Check Flowchart
Although the PC does not stop when the ALARM indicator lights, check and cor-
rect such errors as soon as possible.
A
B
A
ALARM indica-
tor lights?
YES
NO
System error
(FAL)?
NO
YES
JMP error?
NO
YES
Indirect DM
BCD error?
NO
YES
Non-fatal SFC
error?
NO
YES
Rack power
failure?
NO
YES
I/O verify error?
NO
YES
(A40215 ON)
(A40213 ON)
(A40212 ON)
(A40211 ON)
(A40210 ON)
(A40209 ON)
(To next page)
Check FAL No. with word
A430 to A461 and remove
cause of error
Destination of JMP is
missing
Contents of indirectly ad-
dress are not BCD
Check program of SFC
Check Racks recognized
by CPU with word A419
and turn ON power to
Rack No. whose bits are
OFF
I/O Unit has been re-
moved. Check I/O Units by
verifying I/O table. Correct-
ly mount Units, or create
I/O table
End
Connect peripheral device
and check error
Troubleshooting Flowcharts
Section 5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More