Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G5A2-OF201 Fiches technique(PDF) 93 Page - Omron Electronics LLC

No de pièce 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Fiches technique(HTML) 93 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 89Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 90Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 91Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 92Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 93Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 94Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 95Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 96Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 97Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 182 page
background image
80
Non-fatal Errors (cont’d)
Item
RUN
Auxiliary Area data
Corrective action
output
Error flags
Error data
Error
code
System error (FAL)
ON
A40215 ON
A430 to A461 (Executed
FAL Number)
4101
-42FF
(*)
Check the program.
JMP error
ON
A40213 ON
None
00F9
Check and correct the program.
Indirect DM BCD er-
ror
ON
A40212 ON
None
00F8
Non-fatal SFC error
ON
A40211 ON
A418 (SFC Non-fatal Er-
ror Code)
00F4
I/O verification error
ON
A40209 ON
None
00E7
Verify the I/O table. After the cor-
rective actions have been taken,
create a new I/O table.
CPU Bus Unit error
ON
A40207 ON
A422 (CPU Bus Unit Er-
ror Unit Number)
A42315 ON (CPU Bus
Link Error Flag)
0020-
0215
0231
(**)
Check the Unit.
SYSMAC BUS/2 er-
ror
ON
A40206 ON
A424 (SYSMAC BUS/2
Error Master Number)
A480 to A499 (SYSMAC
BUS/2 Error Unit Num-
ber)
00B0-
00B3
(***)
Check transmission lines for SYS-
MAC BUS/2. Check to see if
SYSMAC BUS/2 Slave is normal.
SYSMAC BUS error
ON
A40205 ON
A425 (SYSMAC BUS
Error Master Number)
A470 to A477 (SYSMAC
BUS Error Codes)
00A0-
00A7
(****)
Check transmission lines for SYS-
MAC BUS. Check to see if SYS-
MAC BUS Slave is normal.
Battery failure
ON
A40204 ON
A42615 (PC Battery Low
Flag)
A42614 (Memory Card
Battery Low Flag)
00F7
Replace the battery of the CPU or
Memory Card. Check the connec-
tions of the CPU battery.
CPU Bus Unit setting
error
ON
A40203 ON
A427 (CPU Bus Unit Pa-
rameter Error Unit Num-
ber)
0400-
0415
Check the Unit.
Momentary power in-
terruption
ON
A40202 ON
A012 to A013 (Power In-
terruption Time)
A014 (Number of Power
Interruptions)
0002
Check the supply voltage and
Power Supply Unit wiring.
Output inhibit
ON
A00015 ON None
---
Turn OFF A00015.
Host link communi-
cation
ON
---
None
---
Release memory protection.
Note * 101 through 2FF indicate FAL Nos.
** 00 through 15 indicate the Unit Nos. of the CPU Bus Units. 31 indicates a CPU
bus link error.
*** 0 through 3 indicate the RM addresses of SYSMAC BUS/2.
**** 0 through 7 indicate the RM addresses of SYSMAC BUS.
***** G: CPU Bus Link Area.
Error Messages and Alarm Outputs
Section 5-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More