Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G5A2-OF201 Fiches technique(PDF) 53 Page - Omron Electronics LLC

No de pièce 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Fiches technique(HTML) 53 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 49Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 50Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 51Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 52Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 53Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 54Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 55Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 56Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 182 page
background image
40
3-1
Assembly
3-1-1 Mounting Units
To build a Rack PC, we start with a Backplane. The Backplane for a CV-series
PC is illustrated below.
The Backplane has two functions: it provides physical support for the Units that
are mounted to it and it provides the connectors and electrical pathways neces-
sary for connecting the Units.
The first device we will mount to the Backplane is a Power Supply Unit. The Pow-
er Supply Unit fits into the rightmost slot on the Backplane and provides electric-
ity at the voltage required by the other Units in the PC. It can also be used to
power devices other than the PC if necessary and it enough current is available.
Power Supply Unit
The CPU is mounted next to the Power Supply Unit. The CPU fits into the posi-
tion directly to the left of the Power Supply Unit.
CPU
Assembly
Section 3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More