Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90366 Fiches technique(PDF) 24 Page - Melexis Microelectronic Systems

No de pièce MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Fiches technique(HTML) 24 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 28Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 24 of 34
Datasheet
Rev. 1.0
25/Jun/13
14.3.1. MAPXYZ
The MAPXYZ parameter defines which fields are used to calculate the angle. The different possibilities
are described in the tables below.
This 2 bit value selects the first (B1) and second (B2) field components according the table below.
MAPXYZ
B1
B2
Angular
0 – 00b
X
Y
XY mode
1 – 01b
Zx
X
XZx mode
2 – 10b
Y
Zx
YZx mode
3 – 11b
Y
Zy
YZy mode
MAPXYZ = 3 is not recommended.
14.3.2. SMISM, k and SEL_k Parameters
(i) SMISM
When the mapping (B1=X, B2=Y) is selected, SMSIM defines the sensitivity mismatch factor that is
applied on B1, B2; When another B1, B2 mapping is selected, this parameter is
“don’t care”.
This parameter is trimmed at factory; Melexis strongly recommends TO NOT over write it for optimal
performance.
(ii) k
When the mapping (B1=X, B2=Y) is NOT selected, k defines the sensitivity mismatch factor that is applied
on B1or B2 (according to parameter SEL_k
– see below). When the mapping (B1=X, B2=Y) is selected,
this parameter is
“don’t care”.
This parameter is trimmed at factory for mapping (B1=Z, B2=X). Melexis recommends to fine trim it when
a smaller linearity error (Le) is required and a different mapping than (B1=X, B2=Y) is selected.
(iii) SEL_k
When the mapping (B1=X, B2=Y) is NOT selected, SEL_k defines the component on which the sensitivity
mismatch factor k (see above): SEL_k = 0 means B1
 k  B1 and SEL_k = 1 means B2  k  B2.
14.3.3. GAINMIN and GAINMAX Parameters
GAINMIN and GAINMAX define the thresholds on the gain code outside which the fault “GAIN out of
Spec.” is set;
If GAINSATURATION is set, then the virtual gain code is saturated at GAINMIN and GAINMAX, and no
Diagnostic fault is set since the saturations apply before the Diagnostic check.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34