| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90366 Fiches technique(PDF) 23 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90366 Fiches technique(HTML) 23 Page - Melexis Microelectronic Systems |
|
23 / 34 page ![]() MLX90366 Triaxis Position Sensor Assembly feat. SENT MLX90366 Page 23 of 34 Datasheet Rev. 1.0 25/Jun/13 W Range x W Range x 0 (0000b) 360.0deg 22.5deg 8 180.0deg 11.3deg 1 320.0deg 20.0deg 9 144.0deg 9.0deg 2 288.0deg 18.0deg 10 120.0deg 7.5deg 3 261.8deg 16.4deg 11 102.9deg 6.4deg 4 240.0deg 15.0deg 12 90.0deg 5.6deg 5 221.5deg 13.8deg 13 80.0deg 5.0deg 6 205.7deg 12.9deg 14 72.0deg 4.5deg 7 192.0deg 12.0deg 15 (1111b) 65.5deg 4.1deg Outside of the selected range, the output will remain in clamping levels. 14.1.4. CLAMPING Parameters The clamping levels are two independent values to limit the output voltage range. The CLAMPLOW parameter adjusts the minimum output code. The CLAMPHIGH parameter sets the maximum output code. Both parameters have 16 bits of adjustment and are available for both LNR modes. 14.2. Identification Parameter Value MELEXISID1 MELEXISID2 MELEXISID3 0 65535 0 65535 0 65535 CUSTOMERID1 CUSTOMERID2 CUSTOMERID3 0 65535 0 65535 0 65535 Identification number: 48 bits (3 words) freely useable by Customer for traceability purpose. 14.3. Sensor Front-End Parameter Value MAPXYZ 0 .. 3 SMISM 0 .. 32768 K 0 .. 32768 SEL_k 0 or 1 GAINMIN GAINMAX GAINSATURATION 0 41 0 41 0.. 1 |