Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90366 Fiches technique(PDF) 8 Page - Melexis Microelectronic Systems

No de pièce MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Fiches technique(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 8 of 34
Datasheet
Rev. 1.0
25/Jun/13
Once the position (angular or linear stroke) information is computed, it is further conditioned (mapped) vs.
the target transfer characteristic and it is provided at the output(s) as SENT output.
The linear part of the transfer curve can be adjusted through a multi-point calibration:
This back-end step consists of a Piece-Wise-Linear (PWL) output transfer characteristic - 17 equidistant
points with programmable origin over 16 different angle ranges from 65 to 360 degrees.
The calibration parameters are stored in EEPROM featuring a Hamming Error Correction Coding (ECC).
The programming steps do not require any dedicated pins. The operation is done using the supply and
output nodes of the IC. The programming of the MLX90366 is handled at both engineering lab and
production line levels by the Melexis Programming Unit PTC-04 with the daughterboard DB90316 +
dedicated MLX90367 software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34