| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90366 Fiches technique(PDF) 12 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90366 Fiches technique(HTML) 12 Page - Melexis Microelectronic Systems |
|
12 / 34 page ![]() MLX90366 Triaxis Position Sensor Assembly feat. SENT MLX90366 Page 12 of 34 Datasheet Rev. 1.0 25/Jun/13 8.2. Application diagram used for rise and fall time measurement Figure 4 –Schematic used for rise and fall time measurements (ref: J2716 Rev Jan 2010 Fig. 6.3.4) Component Value Unit C01 10 (integrated in the DMP) nF C02 not mounted nF R01 not mounted Ohms Cinput 68 pF CTau 2.2 nF Cf 100 pF RTau 568 Ohms Rf 10 kOhms RPU 14.7 kOhms RV not mounted Ohms Component values used for rise and fall time measurements (ref: J2716 Rev Jan 2010 Fig. 6.3.4) |