| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90366 Fiches technique(PDF) 21 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90366 Fiches technique(HTML) 21 Page - Melexis Microelectronic Systems |
|
21 / 34 page ![]() MLX90366 Triaxis Position Sensor Assembly feat. SENT MLX90366 Page 21 of 34 Datasheet Rev. 1.0 25/Jun/13 14. Description of End-User Programmable Items 14.1. Output Transfer Characteristic To define the transfer function (LNR): With 17 equidistant points for which only the Y coordinates are defined. Parameter Value Unit CLOCKWISE 0 CounterClockWise 1 ClockWise LSB DP 0 359.9999 Deg LNR_Y0 LNR_Y1 … LNR_Y16 -50 … + 150 % W 65.5 … 360 Deg CLAMP_LOW 0 100 % CLAMP_HIGH 0 100 % 14.1.1. CLOCKWISE Parameter The CLOCKWISE parameter defines the magnet rotation direction. CCW is defined by the 1-2-3-4 pin order direction for the Dual Mold Package. CW is defined by the reverse direction: 4-3-2-1 pin order direction for the Dual Mold Package Refer to the drawing in the sensitive spot positioning section (Section 19.5) |