Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR2C04A Fiches technique(PDF) 114 Page - List of Unclassifed Manufacturers

No de pièce OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Fiches technique(HTML) 114 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 110Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 111Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 112Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 113Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 114Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 115Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 116Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 117Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 118Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
114
Lucent Technologies Inc.
AC4
VSS
VSS
VSS
VSS
VSS
VSS
AC8
VSS
VSS
VSS
VSS
VSS
VSS
AD24
VSS
VSS
VSS
VSS
VSS
VSS
AD3
VSS
VSS
VSS
VSS
VSS
VSS
AE1
VSS
VSS
VSS
VSS
VSS
VSS
AE2
VSS
VSS
VSS
VSS
VSS
VSS
AE25
VSS
VSS
VSS
VSS
VSS
VSS
AF1
VSS
VSS
VSS
VSS
VSS
VSS
AF25
VSS
VSS
VSS
VSS
VSS
VSS
AF26
VSS
VSS
VSS
VSS
VSS
VSS
B2
VSS
VSS
VSS
VSS
VSS
VSS
B25
VSS
VSS
VSS
VSS
VSS
VSS
B26
VSS
VSS
VSS
VSS
VSS
VSS
C24
VSS
VSS
VSS
VSS
VSS
VSS
C3
VSS
VSS
VSS
VSS
VSS
VSS
D14
VSS
VSS
VSS
VSS
VSS
VSS
D19
VSS
VSS
VSS
VSS
VSS
VSS
D23
VSS
VSS
VSS
VSS
VSS
VSS
D4
VSS
VSS
VSS
VSS
VSS
VSS
D9
VSS
VSS
VSS
VSS
VSS
VSS
H4
VSS
VSS
VSS
VSS
VSS
VSS
J23
VSS
VSS
VSS
VSS
VSS
VSS
N4
VSS
VSS
VSS
VSS
VSS
VSS
P23
VSS
VSS
VSS
VSS
VSS
VSS
V4
VSS
VSS
VSS
VSS
VSS
VSS
W23
VSS
VSS
VSS
VSS
VSS
VSS
AA23
VDD
VDD
VDD
VDD
VDD
VDD
AA4
VDD
VDD
VDD
VDD
VDD
VDD
AC11
VDD
VDD
VDD
VDD
VDD
VDD
AC16
VDD
VDD
VDD
VDD
VDD
VDD
AC21
VDD
VDD
VDD
VDD
VDD
VDD
AC6
VDD
VDD
VDD
VDD
VDD
VDD
D11
VDD
VDD
VDD
VDD
VDD
VDD
D16
VDD
VDD
VDD
VDD
VDD
VDD
D21
VDD
VDD
VDD
VDD
VDD
VDD
D6
VDD
VDD
VDD
VDD
VDD
VDD
F23
VDD
VDD
VDD
VDD
VDD
VDD
F4
VDD
VDD
VDD
VDD
VDD
VDD
L23
VDD
VDD
VDD
VDD
VDD
VDD
Pin Information (continued)
Table 27. OR2C/2T10A, OR2C/2T12A, OR2C/2T15A/B, OR2C/2T26A, and OR2T40A/B 352-Pin PBGA
Pinout (continued)
Pin
2C/2T10A Pad
2C/2T12A Pad
2C/2T15A/B Pad
2C/2T26A Pad OR2T40A/B Pad
Function
Notes:
The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series.
The pins labeled VSS-ETC are the 6 x 6 array of thermal balls located at the center of the package. The balls can be attached to the ground plane
of the board for enhanced thermal capability (see Table 29), or they can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More