| Moteur de recherche de fiches techniques de composants électroniques |
|
OR2C04A Fiches technique(PDF) 98 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A Fiches technique(HTML) 98 Page - List of Unclassifed Manufacturers |
|
98 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 98 Lucent Technologies Inc. U8 VSS VSS VSS VSS VSS VSS U13 VSS VSS VSS VSS VSS VSS U17 VSS VSS VSS VSS VSS VSS B1 VDD VDD VDD VDD VDD VDD D6 VDD VDD VDD VDD VDD VDD D11 VDD VDD VDD VDD VDD VDD D15 VDD VDD VDD VDD VDD VDD F4 VDD VDD VDD VDD VDD VDD F17 VDD VDD VDD VDD VDD VDD K4 VDD VDD VDD VDD VDD VDD L17 VDD VDD VDD VDD VDD VDD R4 VDD VDD VDD VDD VDD VDD R17 VDD VDD VDD VDD VDD VDD U6 VDD VDD VDD VDD VDD VDD U10 VDD VDD VDD VDD VDD VDD U15 VDD VDD VDD VDD VDD VDD W3 — — — — — No Connect J10 VSS VSS VSS VSS VSS VSS—ETC J11 VSS VSS VSS VSS VSS VSS—ETC J12 VSS VSS VSS VSS VSS VSS—ETC J9 VSS VSS VSS VSS VSS VSS—ETC K10 VSS VSS VSS VSS VSS VSS—ETC K11 VSS VSS VSS VSS VSS VSS—ETC K12 VSS VSS VSS VSS VSS VSS—ETC K9 VSS VSS VSS VSS VSS VSS—ETC L10 VSS VSS VSS VSS VSS VSS—ETC L11 VSS VSS VSS VSS VSS VSS—ETC L12 VSS VSS VSS VSS VSS VSS—ETC L9 VSS VSS VSS VSS VSS VSS—ETC M10 VSS VSS VSS VSS VSS VSS—ETC M11 VSS VSS VSS VSS VSS VSS—ETC M12 VSS VSS VSS VSS VSS VSS—ETC M9 VSS VSS VSS VSS VSS VSS—ETC Pin Information (continued) Table 25. OR2C/2T06A, OR2C/2T08A, OR2C/2T10A, OR2C/2T12A, and OR2C/2T15A/B 256-Pin PBGA Pinout (continued) Pin 2C/2T06A Pad 2C/2T08A Pad 2C/2T10A Pad 2C/2T12A Pad 2C/2T15A/B Pad Function Notes: The W3 pin on the 256-pin PBGA package is unconnected for all devices listed in this table. The OR2C/2T08A do not have bond pads connected to the 256-pin PBGA package pins F2 and Y17. The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series. The pins labeled VSS-ETC are the 4 x 4 array of thermal balls located at the center of the package. The balls can be attached to the ground plane of the board for enhanced thermal capability (see Table 29), or they can be left unconnected. |