Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR2C04A Fiches technique(PDF) 69 Page - List of Unclassifed Manufacturers

No de pièce OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Fiches technique(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 65Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 66Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 67Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 68Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 69Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 70Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 71Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 72Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
69
Pin Information (continued)
Table 18B.
ORCA OR2TxxA Series FPGA I/Os Summary
Device
84-Pin
PLCC
100-Pin
TQFP
144-Pin
TQFP
160-Pin
QFP
208-Pin
SQFP/
SQFP2
240-Pin
SQFP/
SQFP2
256-Pin
PBGA
352-Pin
PBGA
432-Pin
EBGA
OR2T04A
User I/Os
62
74
110
126
152
—
—
—
—
VDD/VSS
14
17
24
24
31
—
—
—
—
VDD52
3
4
4
8
—
—
—
—
OR2T06A
User I/Os
62
74
110
126
163
184
182
—
—
VDD/VSS
14
17
24
24
31
42
26
—
—
VDD52
3
4
4
8
8
10
—
—
OR2T08A
User I/Os
62
—
—
126
163
184
209
—
—
VDD/VSS
14
—
—
24
31
40
26
—
—
VDD52
—
—
4
8
8
12
—
—
OR2T10A
User I/Os
62
—
—
126
163
184
209
244
—
VDD/VSS
14
—
—
24
31
40
26
48
—
VDD52
—
—
4
8
8
12
12
—
OR2T12A
User I/Os
62
—
—
—
163
184
211
276
—
VDD/VSS
14
—
—
—
31
42
26
48
—
VDD52
—
—
—
8
8
12
12
—
OR2T15A
User I/Os
62
—
—
—
163
184
211
286
307
VDD/VSS
14
—
—
—
31
42
26
48
84
VDD52
—
—
—
8
8
12
12
12
OR2T26A
User I/Os
—
—
—
—
163
184
—
286
326
VDD/VSS
—
—
—
—
31
42
—
48
84
VDD5
—
—
—
—
8
8
—
12
16
OR2T40A
User I/Os
—
—
—
—
163
184
—
286
326
VDD/VSS
—
—
—
—
31
42
—
48
84
VDD5
—
—
—
—
8
8
—
12
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More