Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR2C04A Fiches technique(PDF) 88 Page - List of Unclassifed Manufacturers

No de pièce OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Fiches technique(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 84Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 85Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 86Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 87Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 88Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 89Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 90Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 91Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
88
Lucent Technologies Inc.
85
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
86
PB6A
PB7A
PB8A
PB9A
PB10A
PB12A
PB15A
I/O
87
PB6B
PB7B
PB8B
PB9B
PB10B
PB12B
PB15B
I/O
88
PB6C
PB7C
PB8C
PB9C
PB10C
PB12C
PB15C
I/O
89
PB6D
PB7D
PB8D
PB9D
PB10D
PB12D
PB15D
I/O
90
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
91
PB7A
PB8A
PB9A
PB10A
PB11A
PB13A
PB16A
I/O
92
PB7B
PB8B
PB9B
PB10B
PB11B
PB13B
PB16B
I/O
93
PB7C
PB8C
PB9C
PB10C
PB11C
PB13C
PB16C
I/O
94
PB7D
PB8D
PB9D
PB10D
PB11D
PB13D
PB16D
I/O
95
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
96
PB8A
PB9A
PB10A
PB11A
PB12A
PB14A
PB17A
I/O-VDD5
97
PB8B
PB9B
PB10B
PB11B
PB12B
PB14D
PB17D
I/O
98
PB8C
PB9C
PB10C
PB11C
PB12C
PB15A
PB18A
I/O
99
PB8D
PB9D
PB10D
PB11D
PB12D
PB15D
PB18D
I/O
100
PB9A
PB10A
PB11A
PB12A
PB13A
PB16A
PB19A
I/O-HDC
101
PB9B
PB10B
PB11B
PB12B
PB13B
PB16D
PB19D
I/O
102
PB9C
PB10C
PB11C
PB12C
PB13C
PB17A
PB20A
I/O
103
PB9D
PB10D
PB11D
PB12D
PB13D
PB17D
PB20D
I/O
104
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
105
PB10A
PB11A
PB12A
PB13A
PB14A
PB18A
PB21A
I/O-LDC
106
PB10B
PB11D
PB13A
PB13D
PB14D
PB18D
PB22D
I/O
107
PB10C
PB12A
PB13B
PB14A
PB15A
PB19A
PB23A
I/O
108
PB10D
PB12B
PB13C
PB14D
PB15D
PB19D
PB24D
I/O
109
PB11A
PB12C
PB13D
PB15A
PB16A
PB20A
PB25A
I/O-INIT
110
PB11B
PB12D
PB14A
PB15D
PB16D
PB20D
PB25D
I/O
111
PB11C
PB13A
PB15A
PB16A
PB17A
PB21A
PB26A
I/O
112
PB11D
PB13B
PB15B
PB16D
PB17D
PB21D
PB26D
I/O
113
VSS
See Note
See Note
VSS
VSS
VSS
VSS
VSS
114
PB12A
PB13D
PB15D
PB17A
PB18A
PB22A
PB27A
I/O
115
PB12B
PB14A
PB16A
PB17D
PB19A
PB23A
PB28A
I/O
116
PB12C
PB14B
PB16B
PB18A
PB19D
PB23D
PB28D
I/O
117
PB12D
PB14D
PB16D
PB18D
PB20D
PB24D
PB30D
I/O
118
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
119
DONE
DONE
DONE
DONE
DONE
DONE
DONE
DONE
120
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
121
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
122
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
123
PRGM
PRGM
PRGM
PRGM
PRGM
PRGM
PRGM
PRGM
124
PR12A
PR14A
PR16A
PR18A
PR20A
PR24A
PR30A
I/O-M0
125
PR12B
PR14D
PR16D
PR18C
PR20D
PR24D
PR29D
I/O
126
PR12C
PR13A
PR15A
PR18D
PR19A
PR23A
PR28A
I/O
Pin Information (continued)
Table 24. OR2C/2T06A, OR2C/2T08A, OR2C/2T10A, OR2C/2T12A, OR2C/2T15A/B, OR2C/2T26A,
and OR2C/2T40A/B 240-Pin SQFP/SQFP2 Pinout (continued)
Pin
2C/2T06A
Pad
2C/2T08A
Pad
2C/2T10A
Pad
2C/2T12A
Pad
2C/2T15A/B
Pad
2C/2T26A
Pad
2C/2T40A/B
Pad
Function
Notes:
The OR2C/2T08A and OR2C/2T10A do not have bond pads connected to 240-pin SQFP package pin numbers 113 and 188.
The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More