| Moteur de recherche de fiches techniques de composants électroniques |
|
OR2C04A Fiches technique(PDF) 95 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A Fiches technique(HTML) 95 Page - List of Unclassifed Manufacturers |
|
95 / 192 page ![]() Data Sheet June 1999 ORCA Series 2 FPGAs Lucent Technologies Inc. 95 U20 PR12B PR13B PR15B PR17B PR18A I/O T18 PR12C PR13C PR15C PR17C PR18B I/O T19 PR12D PR13D PR15D PR17D PR18D I/O T20 PR11A PR12A PR14A PR16A PR17A I/O R18 PR11B PR12B PR14C PR16D PR17D I/O P17 PR11C PR12C PR14D PR15A PR16A I/O R19 PR11D PR12D PR13A PR15C PR16C I/O R20 PR10A PR11A PR13B PR15D PR16D I/O-M1 P18 PR10B PR11B PR13C PR14A PR15A I/O P19 PR10C PR11C PR12A PR14D PR15D I/O-VDD5 P20 PR10D PR11D PR12B PR13A PR14A I/O N18 PR9A PR10A PR11A PR12A PR13A I/O-M2 N19 PR9B PR10B PR11B PR12B PR13B I/O N20 PR9C PR10C PR11C PR12C PR13C I/O M17 PR9D PR10D PR11D PR12D PR13D I/O M18 PR8A PR9A PR10A PR11A PR12A I/O-M3 M19 PR8B PR9B PR10B PR11B PR12B I/O M20 PR8C PR9C PR10C PR11C PR12C I/O L19 PR8D PR9D PR10D PR11D PR12D I/O L18 PR7A PR8A PR9A PR10A PR11A I/O L20 PR7B PR8B PR9B PR10B PR11B I/O K20 PR7C PR8C PR9C PR10C PR11C I/O K19 PR7D PR8D PR9D PR10D PR11D I/O K18 PR6A PR7A PR8A PR9A PR10A I/O K17 PR6B PR7B PR8B PR9B PR10B I/O J20 PR6C PR7C PR8C PR9C PR10C I/O J19 PR6D PR7D PR8D PR9D PR10D I/O J18 PR5A PR6A PR7A PR8A PR9A I/O-VDD5 J17 PR5B PR6B PR7B PR8B PR9B I/O H20 PR5C PR6C PR7C PR8C PR9C I/O H19 PR5D PR6D PR7D PR8D PR9D I/O H18 PR4A PR5A PR6A PR7A PR8A I/O-CS1 G20 PR4B PR5B PR6B PR7B PR8B I/O G19 PR4C PR5C PR6C PR7C PR8C I/O F20 PR4D PR5D PR6D PR7D PR8D I/O G18 PR3A PR4A PR5A PR6A PR7A I/O-CS0 F19 PR3B PR4B PR4B PR6B PR7B I/O E20 PR3C PR4C PR4C PR5B PR6B I/O G17 PR3D PR4D PR4D PR5D PR6D I/O F18 PR2A PR3A PR3A PR4A PR5A I/O-RD Pin Information (continued) Table 25. OR2C/2T06A, OR2C/2T08A, OR2C/2T10A, OR2C/2T12A, and OR2C/2T15A/B 256-Pin PBGA Pinout (continued) Pin 2C/2T06A Pad 2C/2T08A Pad 2C/2T10A Pad 2C/2T12A Pad 2C/2T15A/B Pad Function Notes: The W3 pin on the 256-pin PBGA package is unconnected for all devices listed in this table. The OR2C/2T08A do not have bond pads connected to the 256-pin PBGA package pins F2 and Y17. The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series. The pins labeled VSS-ETC are the 4 x 4 array of thermal balls located at the center of the package. The balls can be attached to the ground plane of the board for enhanced thermal capability (see Table 29), or they can be left unconnected. |