| Moteur de recherche de fiches techniques de composants électroniques |
|
OR2C04A Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 4 Lucent Technologies Inc. Description (continued) The FPGA’s functionality is determined by internal configuration RAM. The FPGA’s internal initialization/configura- tion circuitry loads the configuration data at powerup or under system control. The RAM is loaded by using one of several configuration modes. The configuration data resides externally in an EEPROM, EPROM, or ROM on the circuit board, or any other storage media. Serial ROMs provide a simple, low pin count method for configuring FPGAs, while the peripheral and JTAG configuration modes allow for easy, in-system programming (ISP). 5-6779(F) Figure 1. Series 2 Array PT1 PT2 PT3 PT4 PT5 PT6 PT7 PT8 PT9 PT11 PT12 R1C1 R1C2 R1C3 R1C4 R1C5 R1C6 R1C7 R1C8 R1C9 R1C10 R1C18 R1C17 R1C16 R1C15 R1C14 R1C13 R1C12 R1C11 PT13 PT14 PT15 PT16 PT17 PT18 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PB8 PB9 PB10 PB11 PB12 PB13 PB14 PB15 PB16 PB17 PB18 BMID PT10 vIQ R2C1 R2C2 R2C3 R2C4 R2C5 R2C6 R2C7 R2C8 R2C9 R2C10 R3C1 R3C2 R3C3 R3C4 R3C5 R3C6 R3C7 R3C8 R3C9 R3C10 R4C1 R4C2 R4C3 R4C4 R4C5 R4C6 R4C7 R4C8 R4C9 R4C10 R5C1 R5C2 R5C3 R5C4 R5C5 R5C6 R5C7 R5C8 R5C9 R5C10 R6C1 R6C2 R6C3 R6C4 R6C5 R6C6 R6C7 R6C8 R6C9 R6C10 R7C1 R7C2 R7C3 R7C4 R7C5 R7C6 R7C7 R7C8 R7C9 R7C10 R8C1 R8C2 R8C3 R8C4 R8C5 R8C6 R8C7 R8C8 R8C9 R8C10 R9C1 R9C2 R9C3 R9C4 R9C5 R9C6 R9C7 R9C8 R9C9 R9C10 R10C1 R10C2 R10C3 R10C4 R10C5 R10C6 R10C7 R10C8 R10C9 R10C10 R2C18 R2C17 R2C16 R2C15 R2C14 R2C13 R2C12 R2C11 R3C18 R3C17 R13C16 R3C15 R3C14 R3C13 R3C12 R3C11 R4C18 R4C17 R4C16 R4C15 R4C14 R4C13 R4C12 R4C11 R5C18 R5C17 R5C16 R5C15 R5C14 R5C13 R5C12 R5C11 R6C18 R6C17 R6C16 R6C15 R6C14 R6C13 R6C12 R6C11 R7C18 R7C17 R7C16 R7C15 R7C14 R7C13 R7C12 R7C11 R8C18 R8C17 R8C16 R8C15 R8C14 R8C13 R8C12 R8C11 R9C18 R9C17 R9C16 R9C15 R9C14 R9C13 R9C12 R9C11 R10C18 R10C17 R10C16 R10C15 R10C14 R10C13 R10C12 R10C11 R18C18 R18C17 R18C16 R18C15 R18C14 R18C13 R18C12 R18C11 R17C18 R17C17 R17C16 R17C15 R17C14 R17C13 R17C12 R17C11 R16C18 R16C17 R16C16 R16C15 R16C14 R16C13 R16C12 R16C11 R15C18 R15C17 R15C16 R15C15 R15C14 R15C13 R15C12 R15C11 R14C18 R14C17 R14C16 R14C15 R14C14 R14C13 R14C12 R14C11 R13C18 R13C17 R13C16 R13C15 R13C14 R13C13 R13C12 R13C11 R12C18 R12C17 R12C16 R12C15 R12C14 R12C13 R12C12 R12C11 R11C18 R11C17 R11C16 R11C15 R11C14 R11C13 R11C12 R11C11 R18C10 R18C9 R18C8 R18C7 R18C6 R18C5 R18C4 R18C3 R18C2 R18C1 R17C10 R17C9 R17C8 R17C7 R17C6 R17C5 R17C4 R17C3 R17C2 R17C1 R16C10 R16C9 R16C8 R16C7 R16C6 R16C5 R16C4 R16C3 R16C2 R16C1 R15C10 R15C9 R15C8 R15C7 R15C6 R15C5 R15C4 R15C3 R15C2 R15C1 R14C10 R14C9 R14C8 R14C7 R14C6 R14C5 R14C4 R14C3 R14C2 R14C1 R13C10 R13C9 R13C8 R13C7 R13C6 R13C5 R13C4 R13C3 R13C2 R13C1 R12C10 R12C9 R12C8 R12C7 R12C6 R12C5 R12C4 R12C3 R12C2 R12C1 R11C10 R11C9 R11C8 R11C7 R11C6 R11C5 R11C4 R11C3 R11C2 R11C1 hIQ TMID |