| Moteur de recherche de fiches techniques de composants électroniques |
|
22017 Fiches technique(PDF) 97 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Fiches technique(HTML) 97 Page - ITT Industries |
|
97 / 120 page ![]() Miniature Rack and Panel DPA Contact Terminations 97 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Code 1 2 3 4 5 6 .156 (3.96) DIA. 7 8 9 10 11 .096 (2.44) DIA. .067 (1.70) DIA. .040 (1.02) DIA. HV#20 .067 (1.70) DIA. All dimensions are +_ .010 (0.25) unless indicated otherwise. Special RG-187/U RG-188/U RG-178A/U RG-196/U High Voltage wire accommodation RG-187/U RG-188/U .062 (1.58) DIA. .145 (3.68) DIA. .123 (3.12) DIA. #20 CONTACT .040 (1.02) DIA. Contact Size Contact Extension 20 .156 (3.96) .156 (3.96) 1.562 (39.68) .625 (15.88) .937 (23.80) 1.468 (37.29) APPROX. 1.562 (39.68) .656 (16.66) CABLE ENTRY .937 (23.80) 1.562 (39.68) .656 (16.66) CABLE ENTRY 1.046 (26.57) 1.250 (31.75) 1.000 (25.40) 2.000 (50.80) APPROX. 18 .140 (3.56) .250 (6.35) 14 .125 (3.18) .344 (8.74) 12 .218 (5.54) .218 (5.54) 8 .218 (5.54) .266 (6.76) 4 .250 (6.35) .531 (13.49) Pin Socket RG-59B/U RG-62A/U RG-187/U RG-188/U RG-58C/U RG-58C/U #20 captive contact RG-178A/U RG-196/U Cable Accommodation MAX. CONTACT EXTENSION from rear of insulator Dust Caps 22054 Potting Shell 20746 Straight Junction Shell DPA-59 FOR 33 SHELLS 025-0572-000 DPA-60 FOR 34 SHELLS 025-0573-000 Conductive: DPA-60-1 025-0573-001 (Protects Against Static Electricity 20746-1 90˚ Angle Junction Shell Contact Arrangements |