| Moteur de recherche de fiches techniques de composants électroniques |
|
22017 Fiches technique(PDF) 95 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Fiches technique(HTML) 95 Page - ITT Industries |
|
95 / 120 page ![]() DPA-33 4 HOLES .093 (2.36) DIA. 1.000 (25.40) 2.000 (50.80) DPA-34 DPAL-34 DPAL-33 DPAF-34 DPAF-33 .500 +_ .005 (12.70 +_ 0.13) .766 +_ .015 (19.46 +_ 0.38) .500 +_ .005 (12.70 +_ 0.13) .500 +_ .005 (12.70 +_ 0.13) 1.532 +_ .051 (38.91 +_ 0.38) 1.532 +_ .051 (38.91 +_ 0.38) 1.532 +_ .051 (38.91 +_ 0.38) 1.780 +_ .005 (45.21 +_ 0.13) .907 +_ .015 (23.04 +_ 0.38) .907 +_ .015 (23.04 +_ 0.38) .907 +_ .015 (23.04 +_ 0.38) .187 (4.75) R. TYP. .187 (4.75) R. TYP. .093 (2.36) .078 (1.98) .750 (19.05) .812 (20.62) .093 (2.36) .093 (2.36) .078 (1.98) .078 (1.98) .750 (19.05) .750 (19.05) .812 (20.62) .812 (20.62) INSULATOR INSULATOR INSULATOR 2.000 (50.80) 1.391 +_ .015 (35.33 +_ 0.38) 1.391 +_ .015 (35.33 +_ 0.38) 1.875 +_ .005 (47.62 +_ 0.13) .500 +_ .005 (12.70 +_ 0.13) .500 +_ .005 (12.70 +_ 0.13) 1.000 (25.40) 1.000 (25.40) .125 (3.18) R. TYP. .187 (4.75) R. TYP. 2.188 (55.58) .063 (1.60) R. TYP. .062 (1.58) R. TYP. 1.875 +_ .005 (47.62 +_ 0.13) 1.875 +_ .005 (47.62 +_ 0.13) 1.875 +_ .005 (47.62 +_ 0.13) 1.391 +_ .015 (35.33 +_ 0.38) .766 +_ .015 (19.71 +_ 0.38) .500 +_ .005 (12.70 +_ 0.13) .766 +_ .015 (19.46 +_ 0.38) 1.780 +_ .005 (45.21 +_ 0.13) .125 (3.18) R. TYP. .187 R. TYP. (4.75) .187 (4.75) R. TYP. 1.312 (33.32) 1.312 (33.32) 4 HOLES .093 (2.36) DIA. COUNTER Sunk 82 TO :188 (4.75) DIA. 4 FLOATING EYELETS .093 (2.36) I.D. 4 FLOATING EYELETS .093 (2.36) I.D. 4 HOLES .189 (4.80) DIA. .125 R. TYP. (3.18) 4 HOLES .093 (2.36) DIA. 1.000 (25.40) .468 (11.89) .468 (11.89) 2.188 (55.58) 2.188 (55.58) 2.188 (55.58) .468 (11.89) .078 (1.98) .078 (1.98) .078 (1.98) .625 (15.88) .625 (15.88) INSULATOR INSULATOR .688 (17.48) .688 (17.48) .625 (15.88) INSULATOR .688 (17.48) Miniature Rack and Panel DPA Solid Shell 95 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Large Flange Shell Float Mount Shell |