| Moteur de recherche de fiches techniques de composants électroniques |
|
22017 Fiches technique(PDF) 83 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Fiches technique(HTML) 83 Page - ITT Industries |
|
83 / 120 page ![]() MIL-C-83733 DPK Receptacle/Configurations (Pin Contacts) 83 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change DPK/MIL-C-83733 TYPES DPK/MIL-C-83733 TYPES Mounting Stye C Bushing Mounting MIL-C-83733/5(USAF) Mounting Stye Y With Guide Pins MIL-C-83733/8(USAF) Mounting Stye H Staggered Bushing Mounting MIL-C-83733/10(USAF) Mounting Stye Z Staggered Clinch Nut Mounting MIL-C-83733/11(USAF) Mounting Stye M Staggered Standard Hole Mounting MIL-C-83733/9(USAF) Mounting Stye X With Guide Sockets MIL-C-83733/3(USAF) .405 ± .010 (10.29 ± 0.25) ACROSS HEX FLATS 1.060 ± .010 (26.92 ± 0.25) .200 ± .002 (5.08 ± 0.05) .281 ± .005 DIA. (7.14 ± 0.13) FLANGE HOLE RECOMMENDED SCREW .138 (3.50) - 32 UNC-2A FLH (3/8 LONG) THREAD .141 (3.58) MAX. .138 (3.50) - 32 UNC-28 CLINCH NUT 2 PLACES THREAD .281 ± .005 DIA. (7.14 ± 0.13) 2 HOLES N .190 (4.82 - 32 UNF-2 1.370 (34.80) MAX. 31˚ 29˚ .207 ± .002 DIA. (5.26 ± 0.05) 16˚ 14˚ .477 + .008/ - .007 (12.12 + 0.02/ - 0.18) .197 + .003 - .002 DIA. (5.00 + 0.08 - 0.05) 2 HOLES .312 (7.92) - 24 UNF-2A .281 ± .005 DIA. (7.14 ± 0.13) RECOMMENDED SCREW .138 (3.50) - 32 UNC-2A (3/8 LONG) THREAD MS24700-2 BUSHING FLANGE HOLE |