| Moteur de recherche de fiches techniques de composants électroniques |
|
22017 Fiches technique(PDF) 73 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Fiches technique(HTML) 73 Page - ITT Industries |
|
73 / 120 page ![]() ARINC 404 DPX Panel Cutouts 73 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change All tolerances are +_ .015 (0.38) unless otherwise noted. .120 (3.05) DIA. 6 HOLES .120 (3.05) DIA. 6 HOLES 1.780 (45.21) 3.640 (92.46) 3.120 (79.25) 2.500 (63.50) 2.500 (63.50) 1.980 (50.29) 1.648 (41.86) 1.648 (41.86) .930 (23.62) .120 (3.05) DIA. 2.783 (70.69) 2.783 (70.69) 1.391 (32.33) 3.770 (95.76) .125 R. TYP. (3.18) .930 (23.62) 1.391 (35.33) 10 HOLES .120 (3.05) DIA. 10 HOLES 1.780 (45.21) 1.437 (36.50) 1.437 (36.50) .718 (18.24) .718 (18.24) .125 R. TYP. (3.18) 3.740 (95.00) 3.740 (95.00) 2.013 (51.13) 2.013 (51.13) 4.026 (102.26) 4.026 (102.26) 1.260 (30.00) 3.220 (81.79) DPX3 DPX4 FRONT MOUNT REAR MOUNT FRONT MOUNT REAR MOUNT CL CL CL CL CL |