| Moteur de recherche de fiches techniques de composants électroniques |
|
22017 Fiches technique(PDF) 92 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Fiches technique(HTML) 92 Page - ITT Industries |
|
92 / 120 page ![]() MIL-C-83733 DPK Assembly/Shielded Contacts 92 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Socket 249-1826-000/MIL-C-39029/51 Size 12/RG-179B/U Cable (used in 71C15 layout 249-1826-000/MIL-C-39029/50 Size 12/RG-179B/U Cable (used in 71C15 layout FERRULE FERRULE .084 MIN. DIA. (2.13) BODY BODY INSULATOR INSULATOR INNER SKT CONTACT INNER PIN CONTACT FERRULE .403 REF. (10.24) INNER CONTACT Strip outer jacket to dimensions shown to expose outer conductor. Slip (or install) ferrule over outer conductor against cable jacket. Exposed portion of the outer conductor must be combed out then folded back over ferrule. Trim cable to dimensions, as shown. (Ferrule must butt against cable jacket). Insert cable,ferrule and inner contact to rear of shell and crimp into place with M22520/5-03 crimp tool. Install inner contact against dielectric then crimp contact and center conductor with a M22520/2-01 cimp tool using a M22520/2-30 locator. DIELECTRIC OUTER CONDUCTOR SHALL NOT EXCEED THIS EDGE .122 MIN. DIA. (3.10) .122 MIN. DIA. (3.10) Pin Step 1. Step 2. Step 3. Step 5. Step 4. .148 ± .002 DIA. (3.75 ± 0.05) .148 ± .002 DIA. (3.75 ± 0.05) .046 ± .002 (1.16 ± 0.05) .510 ± .010 (12.95 ± 0.25) .118 ± .003 (3.00 ± 0.08) .094 ± .001 (2.38 ± 0.02) .340 ± .010 (8.64 ± 0.25) .070 ± .010 (1.78 ± 0.25) .151 MAX. DIA. (3.84) .616 ± .005 (15.64 ± 0.13) .880 MAX. (22.35) .046 ± .002 (1.16 ± 0.50) .495 ± .005 (12.57 ± 0.13) .160 ± .001 (4.06 ± 0.02) .187 ± .002 DIA. (4.74 ± 0.05) .187 ± .002 DIA. (4.74 ± 0.05) .756 MAX. (19.20) .084 ± .MIN. DIA. (2.13) Assembly Instructions |