| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5744P Fiches technique(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P Fiches technique(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 20 A[5] MSCR[5] 0000 (Default) GPIO[5] SIUL2-GPIO[5] General Purpose IO A[5] I/O 14 18 H4 0001 CS0 DSPI1 DSPI 1 Peripheral Chip Select 0 I/O 0010 ETC5 eTimer_1 eTimer_1 Input/Output Data Channel 5 I/O 0011 CS7 DSPI0 DSPI 0 Peripheral Chip Select 7 O 0100-1111 - Reserved - - IMCR[178] 0001 REQ5 SIUL2 SIUL2 External Interrupt Source 5 I A[6] MSCR[6] 0000 (Default) GPIO[6] SIUL2-GPIO[6] General Purpose IO A[6] I/O 2 2 D1 0001 SCK DSPI1 DSPI 1 Serial Clock (output) I/O 0010 ETC2 eTimer_2 eTimer_2 Input/Output Data Channel 2 I/O 0011-1111 - Reserved - - IMCR[179] 0001 REQ6 SIUL2 SIUL2 External Interrupt Source 6 I A[7] MSCR[7] 0000 (Default) GPIO[7] SIUL2-GPIO[7] General Purpose IO A[7] I/O 10 14 G4 0001 SOUT DSPI1 DSPI 1 Serial Data Out O 0010 ETC3 eTimer_2 eTimer_2 Input/Output Data Channel 3 I/O 0011-1111 - Reserved - - IMCR[180] 0001 REQ7 SIUL2 SIUL2 External Interrupt Source 7 I A[8] MSCR[8] 0000 (Default) GPIO[8] SIUL2-GPIO[8] General Purpose IO A[8] I/O 12 16 H1 0001 - Reserved - - 0010 ETC4 eTimer_2 eTimer_2 Input/Output Data Channel 4 I/O 0011-1111 - Reserved - - IMCR[44] 0001 SIN DSPI1 DSPI 1 Serial Data Input I IMCR[181] 0001 REQ8 SIUL2 SIUL2 External Interrupt Source 8 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |