| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5744P Fiches technique(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P Fiches technique(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 29 C[14] MSCR[46] 0000 (Default) GPIO[46] SIUL2-GPIO[46] General Purpose IO C[14] I/O 103 127 F14 0001 ETC2 eTimer_1 eTimer_1 Input/Output Data Channel 2 I/O 0010 EXT_TGR CTU_0 CTU0 External Trigger Output O 0011 CS7 DSPI1 DSPI 1 Peripheral Chip Select 7 O 0100 B0 FlexPWM_1 FlexPWM_1 Channel B Input/Output 0 I/O 0101-1111 - Reserved - - IMCR[106] 0001 B0 FlexPWM_1 FlexPWM_1 Channel B Input 0 I C[15] MSCR[47] 0000 (Default) GPIO[47] SIUL2-GPIO[47] General Purpose IO C[15] I/O 124 156 A8 0001 FR_A_TXEN FLEXRAY FlexRay Transmit Enable Channel A O 0010 ETC0 eTimer_1 eTimer_1 Input/Output Data Channel 0 I/O 0011 A1 FlexPWM_0 FlexPWM_0 Channel A Input/Output 1 I/O 0100-1111 - Reserved - - IMCR[38] 0010 EXT_IN CTU_0 CTU 0 External Trigger Input I IMCR[87] 0010 EXT_SYNC FlexPWM_0 FlexPWM_0 External Sync Input I D[0] MSCR[48] 0000 (Default) GPIO[48] SIUL2-GPIO[48] General Purpose IO D[0] I/O 125 157 B8 0001 FR_A_TX FLEXRAY FlexRay Transmit Data Chan- nel A O 0010 ETC1 eTimer_1 eTimer_1 Input/Output Data Channel 1 I/O 0011 B1 FlexPWM_0 FlexPWM_0 Channel B Input/Output 1 I/O 0100-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |