| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5744P Fiches technique(PDF) 44 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P Fiches technique(HTML) 44 Page - Freescale Semiconductor, Inc |
|
44 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 44 RDY_B /I[4] MSCR[132] 0000 (Default) GPIO[132] SIUL2-GPIO[132] General Purpose IO I[4] I/O J2 0001 - Reserved - - 0010 NEX_RDY_B NPC_WRAPPER Nexus data ready for transfer (RDY_B) O 0011-1111 - Reserved - - I[5] MSCR[133] 0000 (Default) GPIO[133] SIUL2-GPIO[133] General Purpose IO I[5]7 I/O 102 N15 0001 TXD CAN2 CAN 2 Transmit Pin O 0010 - Reserved - - 0011 - Reserved - O 0100-1111 - Reserved - - I[6] MSCR[134] 0000 (Default) GPIO[134] SIUL2-GPIO[134] General Purpose IO I[6]8 I/O 103 M15 0001 - Reserved - - 0010 - Reserved - - 0011 - Reserved - I 0100-1111 - Reserved - - IMCR[34] 0010 RXD CAN2 CAN 2 Receive Pin I I[7] MSCR[135] 0000 (Default) GPIO[135] SIUL2-GPIO[135] General Purpose IO I[7] I/O 3 D2 0001 LFAST_REF_C LK MC_CGM SIPI LFAST reference clock - 0010-1111 - Reserved - - IMCR[717 0010 SENT_RX[0] SENT0 SENT 0 Receiver channel 0 I I[8] MSCR[136] 0000 (Default) GPIO[136] SIUL2-GPIO[136] General Purpose IO I[8] I/O K4 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[213] 0010 SENT_RX[0] SENT1 SENT 1 Receiver channel 0 I I[9] MSCR[137] 0000 (Default) GPIO[137] SIUL2-GPIO[137] General Purpose IO I[9] I/O L3 0001 ETC4 eTimer_2 eTimer_2 Input/Output Data Channel 4 I/O 0010-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |