| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5744P Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 23 A[15] MSCR[15] 0000 (Default) GPIO[15] SIUL2-GPIO[15] General Purpose IO A[15] I/O 144 176 D3 0001 - Reserved - - 0010 ETC5 eTimer_1 eTimer_1 Input/Output Data Channel 5 I/O 0011-1111 - Reserved - - IMCR[32] 0001 RXD CAN0 CAN 0 Receive Pin I IMCR[33] 0001 RXD CAN1 CAN 1 Receive Pin I IMCR[187] 0001 REQ14 SIUL2 SIUL2 External Interrupt Source 14 I B[0] MSCR[16] 0000 (Default) GPIO[16] SIUL2-GPIO[16] General Purpose IO B[0] I/O 109 134 C16 0001 TXD CAN0 CAN 0 Transmit Pin O 0010 ETC2 eTimer_1 eTimer_1 Input/Output Data Channel 2 I/O 0011 DEBUG0 SSCM SSCM Debug Output 0 O 0100-1111 - Reserved - - IMCR[188] 0001 REQ15 SIUL2 SIUL2 External Interrupt Source 15 I B[1] MSCR[17] 0000 (Default) GPIO[17] SIUL2-GPIO[17] General Purpose IO B[1] I/O 110 135 C14 0001 - Reserved - - 0010 ETC3 eTimer_1 eTimer_1 Input/Output Data Channel 3 I/O 0011 DEBUG1 SSCM SSCM Debug Output 1 O 0100-1111 - Reserved - - IMCR[32] 0010 RXD CAN0 CAN 0 Receive Pin I IMCR[33] 0010 RXD CAN1 CAN 1 Receive Pin I IMCR[189] 0001 REQ16 SIUL2 SIUL2 External Interrupt Source 16 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |