Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5744P Fiches technique(PDF) 40 Page - Freescale Semiconductor, Inc

No de pièce MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Fiches technique(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Pinouts
Freescale Semiconductor
40
G[11]
MSCR[107]
0000
(Default)
GPIO[107]
SIUL2-GPIO[107]
General Purpose IO G[11]
I/O
75
92
T15
0001
FR_DBG[3]
FLEXRAY
FlexRay Debug Strobe Signal
3
O
0010-1111
-
Reserved
-
-
IMCR[86]
0011
FAULT3
FlexPWM_0
FlexPWM_0 Fault Input 3
I
H[4]
MSCR[116]
0000
(Default)
GPIO[116]
SIUL2-GPIO[116]
General Purpose IO H[4]
I/O
6
F4
0001
X0
FlexPWM_1
FlexPWM_1 Auxiliary
Input/Output 0
I/O
0010
ETC0
eTimer_2
eTimer_2 Input/Output Data
Channel 0
I/O
0011-1111
-
Reserved
-
-
H[5]
MSCR[117]
0000
(Default)
GPIO[117]
SIUL2-GPIO[117]
General Purpose IO H[5]
I/O
7
F3
0001
A0
FlexPWM_1
FlexPWM_1 Channel A
Input/Output 0
I/O
0010
-
Reserved
-
-
0011
CS4
DSPI0
DSPI 0 Peripheral Chip Select
4
O
0100-1111
-
Reserved
-
-
IMCR[105]
0010
A0
FlexPWM_1
FlexPWM_1 Channel A Input 0
I
H[6]
MSCR[118]
0000
(Default)
GPIO[118]
SIUL2-GPIO[118]
General Purpose IO H[6]
I/O
138
C13
0001
B0
FlexPWM_1
FlexPWM_1 Channel B
Input/Output 0
I/O
0010
-
Reserved
-
-
0011
CS5
DSPI0
DSPI 0 Peripheral Chip Select
5
O
0100-1111
-
Reserved
-
-
IMCR[106]
0010
B0
FlexPWM_1
FlexPWM_1 Channel B Input 0
I
Table 7. Pin Muxing (continued)
Port
Pin
SIUL2
MSCR/
IMCR
Number
MSCR/
IMCR
SSS
Value
Signal
Module
Short Signal Description
Dir



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More