Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD5 Fiches technique(PDF) 55 Page - ITT Industries

No de pièce DLD5
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD5 Fiches technique(HTML) 55 Page - ITT Industries

Back Button DLD5 Datasheet HTML 51Page - ITT Industries DLD5 Datasheet HTML 52Page - ITT Industries DLD5 Datasheet HTML 53Page - ITT Industries DLD5 Datasheet HTML 54Page - ITT Industries DLD5 Datasheet HTML 55Page - ITT Industries DLD5 Datasheet HTML 56Page - ITT Industries DLD5 Datasheet HTML 57Page - ITT Industries DLD5 Datasheet HTML 58Page - ITT Industries DLD5 Datasheet HTML 59Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
54
ZIF Connectors
Tools and Assembly
Tooling
AkeyfeatureoftheCannonDLconnector
series is easy contact termination, both in
the field and in high-volume production.
An ergonomically designed hand crimp tool is
available for the low volume (loose contact)
applications and will accommodate two different
crimp contact sizes. To reduce overall costs, the
crimp jaws are replaceable.
Automatic crimp and strip/crimp machines are
available for high volume applications requiring a
large number of crimps (50,000 crimps per year or
more). These machines are leased to customers to
eliminate the need for heavy investment. They also
improve productivity for large pin count
applications.
DL Crimp contacts are designed to be hand
installed into the connector, no tooling is needed
for the insertion process. Extraction tools are
available for the removal of Crimp contacts for
easy repair even in field applications. Extraction
tools are also available for the Buss contacts, as
well as the factory installed Square Post contacts.
Extraction Tool — Buss Contacts
Extraction Tool for Buss Contact
Description
Part Number
CET-DL3
274-7029-003
CET-DL4
274-7029-004
CET-DL4
274-7029-004
CET-DL5
274-7029-005
CET-DL6
274-7029-006
CET-DL6
274-7029-006
Buss Contact
Description
Part Number
1 Pair
030-7380-001
2 Pair
030-7380-002
3 Pair
030-7380-003
4 Pair
030-7380-004
5 Pair
030-7380-005
6 Pair
030-7380-006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76