| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD5 Fiches technique(PDF) 18 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD5 Fiches technique(HTML) 18 Page - ITT Industries |
|
18 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 17 ZIF Connectors DLM1 DLM1 — Metal Body — 156 Pin Connectors — Square Post Contacts Plug For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 60. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Order actuating handle kit separately, see page 47. Part Number Nomenclature A 112134-0001 DLM1-156PW4A 15,37 (.605) 112134-0000 DLM1-156PW6A 7,11 (.280) 112134-0002 DLM112134-2 3,18 (.125) Receptacle For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 60. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Part Number Nomenclature A 112135-0001 DLM1-156RW4B 15,37 (.605) 112135-0000 DLM1-156RW6B 7,11 (.280) 112135-0002 DLM112135-2 3,18 (.125) 108,00 (4.255) 92,00 (3.625) 2X Ø 2,30 (.091) 24,80 (.977) 16,26 (.640) 100,03 (3.938) 4X Ø 3,20 (.126) 92,10 (3.629) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 12 SPACES @ 2,54 (.100) = 30,48 (1.200) 20,10 (.792) CAMSHAFT TURNING DIRECTION 12 SPACES @ 2,54 (.100) = 30,48 (1.200) 108,00 (4.255) 92,00 (3.625) 2X Ø 2,30 (.091) 24,80 (.977) 16,26 (.640) 100,03 (3.938) 4X Ø 3,20 (.126) 7,75 (.305) 25,20 (.992) 6,35 (.250) 0,64 (.025) A 20,10 (.792) 92,10 (3.629) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 12 SPACES @ 2,54 (.100) = 30,48 (1.200) 12 SPACES @ 2,54 (.100) = 30,48 (1.200) |