Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD5 Fiches technique(PDF) 38 Page - ITT Industries

No de pièce DLD5
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD5 Fiches technique(HTML) 38 Page - ITT Industries

Back Button DLD5 Datasheet HTML 34Page - ITT Industries DLD5 Datasheet HTML 35Page - ITT Industries DLD5 Datasheet HTML 36Page - ITT Industries DLD5 Datasheet HTML 37Page - ITT Industries DLD5 Datasheet HTML 38Page - ITT Industries DLD5 Datasheet HTML 39Page - ITT Industries DLD5 Datasheet HTML 40Page - ITT Industries DLD5 Datasheet HTML 41Page - ITT Industries DLD5 Datasheet HTML 42Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
37
ZIF Connectors
DLM5
DLM5 — Metal Body — 260 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0109
DLM5-260P
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
127050-0110
DLM5-260R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76