| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD5 Fiches technique(PDF) 19 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD5 Fiches technique(HTML) 19 Page - ITT Industries |
|
19 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 18 ZIF Connectors DLM1 DLM1 — Metal Body — 156 Pin Connectors — PC/RC Contacts Plug For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 60. Order actuating handle kit separately, see page 47. Part Number Nomenclature 127050-0207 DLM1-156PC Receptacle For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 60. Part Number Nomenclature 127050-0211 DLM1-156RC 108,00 (4.255) 92,00 (3.625) 2X Ø 2,30 (.091) 24,80 (.977) 100,03 (3.938) 16,26 (.640) 4X Ø 3,20 (.126) 7,92 (.312) 49,45 (1.948) 90,00 (3.546) 6,35 (.250) 27,75 (1.093) Ø 0,50 (.020) 4,60 (.181) 20,10 (.792) 92,10 (3.629) 5 SPACES @ 2,54 (.100) = 12,70 (.500) CAMSHAFT TURNING DIRECTION 12 SPACES @ 2,54 (.100) = 30,48 (1.200) 12 SPACES @ 2,54 (.100) = 30,48 (1.200) 108,00 (4.255) 92,00 (3.625) 2X Ø 2,30 (.091) 24,80 (.977) 100,03 (3.938) 16,26 (.640) 4X Ø 3,20 (.126) 7,75 (.305) 25,20 (.992) 6,35 (.250) Ø 0,50 (.020) 4,60 (.181) 20,10 (.792) 92,10 (3.629) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 12 SPACES @ 2,54 (.100) = 30,48 (1.200) 12 SPACES @ 2,54 (.100) = 30,48 (1.200) |