| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD5 Fiches technique(PDF) 33 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD5 Fiches technique(HTML) 33 Page - ITT Industries |
|
33 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 32 ZIF Connectors DLM3 DLM3 — Metal Body — 60 Pin Connectors — PC/RC Contacts Plug For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Order actuating handle kit separately, see page 47. Part Number Nomenclature 127050-0223 DLM3-60PC Receptacle For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Part Number Nomenclature 127050-0227 DLM3-60RC 2X Ø 2,30 (.091) 50,55 (1.992) 65,80 (2.592) 24,90 (.981) 11,89 (.468) 57,91 (2.280) 4X Ø 3,20 (.126) 7,92 (.312) 6,35 (.250) 74,75 (2.945) 34,20 (1.347) 27,75 (1.093) Ø 0,50 (.020) 4,60 (.181) CAMSHAFT TURNING DIRECTION 4 SPACES @ 2,54 (.100) = 10,16 (.400) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 49,02 (1.931) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 19,94 (.785) 2X Ø 2,30 (.091) 50,55 (1.992) 65,80 (2.592) 24,90 (.981) 11,89 (.468) 57,91 (2.280) 4X Ø 3,20 (.126) 7,75 (.305) 6,35 (.250) 25,20 (.992) Ø 0,50 (.020) 4,60 (.181) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 49,02 (1.931) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 19,94 (.785) |