Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6460 Fiches technique(PDF) 128 Page - STMicroelectronics

No de pièce L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Fiches technique(HTML) 128 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 124Page - STMicroelectronics L6460 Datasheet HTML 125Page - STMicroelectronics L6460 Datasheet HTML 126Page - STMicroelectronics L6460 Datasheet HTML 127Page - STMicroelectronics L6460 Datasheet HTML 128Page - STMicroelectronics L6460 Datasheet HTML 129Page - STMicroelectronics L6460 Datasheet HTML 130Page - STMicroelectronics L6460 Datasheet HTML 131Page - STMicroelectronics L6460 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 139 page
background image
GPIO pins
L6460
128/139
Doc ID 17713 Rev 1
Figure 44.
GPIO[14] block diagram
GPIO[14]
Logic Decode
From Central
Logic
V3v3
To ADC
To internal Logic & SPI
OpAmp 2
V3v3
VGPIO_SP
Gpio[14] Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More