Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6460 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 53Page - STMicroelectronics L6460 Datasheet HTML 54Page - STMicroelectronics L6460 Datasheet HTML 55Page - STMicroelectronics L6460 Datasheet HTML 56Page - STMicroelectronics L6460 Datasheet HTML 57Page - STMicroelectronics L6460 Datasheet HTML 58Page - STMicroelectronics L6460 Datasheet HTML 59Page - STMicroelectronics L6460 Datasheet HTML 60Page - STMicroelectronics L6460 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
57/139
In Figure 15 is reported a block diagram representing the possible PWM choices for each
L6460 half bridges. The figure is related only to bridges 1 and 2, but it could be assumed to
be valid also for bridges 3 and 4, with few differences due to different possible configurations
of these last drivers.
Table 14.
PWM selection truth table for bridge 1 or 2
MtrXSelPWMSideY [1] MtrXSelPWMSideY [0]
Selected PWM(1)
1.
In this table X stands for 1 or 2, Y stands for A or B.
00
MotorXPWM (Configurable by means of MtrXCfg
register).
01
AuxXPWM (Configurable by means of
AuxPwmXCtrl register).
1
0
ExtPWM1 (from GPIO 9 input)
1
1
ExtPWM2 (from GPIO 10 input)
Table 15.
PWM selection truth table for bridge 3 or 4
MtrXSelPWMSideY [1] MtrXSelPWMSideY [0]
Selected PWM(1)
1.
In this table X stands for 3 or 4, Y stands for A or B.
00
MotorXPWM (Configurable by means of
MtrXCfg register).
01
AuxXPWM (Configurable by means of
AuxPwmXCtrl register).
1
0
ExtPWM3 (from GPIO 2 input)
1
1
ExtPWM4 (from GPIO 11 input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More