| Moteur de recherche de fiches techniques de composants électroniques |
|
L6460 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6460 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 139 page ![]() Power bridges L6460 60/139 Doc ID 17713 Rev 1 14.1.1 Full bridge When in full bridge configuration, the drivers will behave according to the following truth table: Note: Note: When “low power mode” is active, the bridges will enter in low power state and will reduce its biasing thus contributing to the power saving. When a current limit event occurs this event will be latched and the bridges will remain in high impedance state for the off time. Table 18. Full bridge truth table TSD nRESET Low power mode Enable Current limit MtrXCtrl SideA MtrXCtrl SideB PWM OUT+ OUT- 1 X X X XX XX Z Z 0 0 X X XX XX Z Z 0 1 1 X XX XX Z Z 0 1 0 0 XX XX Z Z 01 0 1 1 X X X Z Z 01 0 1 0 0 0 X 0 0 01 0 1 0 0 1 0 1 1 01 0 1 0 0 1 1 0 1 01 0 1 0 1 0 0 1 1 01 0 1 0 1 0 1 1 0 01 0 1 0 1 1 X 1 1 |