Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6460 Fiches technique(PDF) 98 Page - STMicroelectronics

No de pièce L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Fiches technique(HTML) 98 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 94Page - STMicroelectronics L6460 Datasheet HTML 95Page - STMicroelectronics L6460 Datasheet HTML 96Page - STMicroelectronics L6460 Datasheet HTML 97Page - STMicroelectronics L6460 Datasheet HTML 98Page - STMicroelectronics L6460 Datasheet HTML 99Page - STMicroelectronics L6460 Datasheet HTML 100Page - STMicroelectronics L6460 Datasheet HTML 101Page - STMicroelectronics L6460 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 139 page
background image
GPIO pins
L6460
98/139
Doc ID 17713 Rev 1
Hereafter are reported the detailed specifications for each GPIO.
To enable the functionality of the GPIO as output pin, the relative GpioOutEnable[14:0] bit
must be enabled in GpioOutEnable register.
Each GPIO could be configured by setting the appropriate GpioXMode[2:0] in the GpioCtrlX
register.
OpAmp2 Out
This pin can be used as operational amplifier 2 output.
ID 1
This pin is used to determine the SPI ID1 bit value.
ID 2
This pin is used to determine the SPI ID2 bit value.
Slave Control
This pin is used as slave control when the IC is configured as master.
Table 40.
Abbreviations (continued)
Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More