| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9620 Fiches technique(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9620 Fiches technique(HTML) 65 Page - NXP Semiconductors |
|
65 / 71 page ![]() PCA9620 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 9 December 2010 65 of 71 NXP Semiconductors PCA9620 Universal LCD driver for low multiplex rates 15. Abbreviations Table 39. Abbreviations Acronym Description AEC Automotive Electronics Council CDM Charged-Device Model DC Direct Current EPROM Erasable Programmable Read-Only Memory ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit bus IC Integrated Circuit LCD Liquid Crystal Display LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level MUX Multiplexer OTP One Time Programmable PCB Printed-Circuit Board POR Power-On Reset RC Resistance-Capacitance RAM Random Access Memory RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SMD Surface Mount Device |